Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCM1681PWPR Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1681PWPR
Description  Sampling, Enhanced Multilevel Delta-Sigma
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM1681PWPR Datasheet(HTML) 21 Page - Texas Instruments

Back Button PCM1681PWPR Datasheet HTML 17Page - Texas Instruments PCM1681PWPR Datasheet HTML 18Page - Texas Instruments PCM1681PWPR Datasheet HTML 19Page - Texas Instruments PCM1681PWPR Datasheet HTML 20Page - Texas Instruments PCM1681PWPR Datasheet HTML 21Page - Texas Instruments PCM1681PWPR Datasheet HTML 22Page - Texas Instruments PCM1681PWPR Datasheet HTML 23Page - Texas Instruments PCM1681PWPR Datasheet HTML 24Page - Texas Instruments PCM1681PWPR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
PCM1681, PCM1681-Q1
www.ti.com
SLES211C – FEBRUARY 2008 – REVISED JULY 2015
In serial control mode, actual mode control is performed by a register write (and read) through the I2C or SPI
compatible serial control port. In parallel H/W control mode, the specific four functions are controlled directly
through high-level/low-level control of five specific pins (see Parallel Hardware Control section), and the zero-flag
function of ZR1 is not applicable.
8.3.8.1 Parallel Hardware Control
Four functions are controlled by five pins, MSEL, FMT0, FMT1, DEMP, and MUTE in parallel hardware control
mode.
MSEL TERMINATION(1)
DESCRIPTION
Pull-down resistor to DGND
Narrow oversampling mode
Pull-up resistor to VDD
Wide oversampling mode
(1)
The MSEL termination controls the oversampling mode for all eight channels.
FMT1(1)
FMT0(1)
DESCRIPTION
LOW
LOW
24-bits right-justified format
LOW
HIGH
16 to 24-bits I2S format
HIGH
LOW
16 to 24-bits left-justified format
HIGH
HIGH
24-bits I2S mode TDM format
(1)
The FMT0 and FMT1 pins control the audio interface format for all eight channels.
DEMP(1)
DESCRIPTION
LOW
De-emphasis off
HIGH
44.1-kHz De-emphasis on
(1)
The DEMP pin controls the 44.1-kHz digital de-emphasis function of all eight channels.
MUTE(1)
DESCRIPTION
LOW
Mute off (mute disable)
HIGH
Mute on (mute enable)
(1)
The MUTE pin controls all 8 channel outputs at the same time.
8.3.8.2 SPI Control Interface
The SPI control interface of the PCM1681 and PCM1681-Q1 is a 3-wire synchronous serial port that operates
asynchronously to the serial audio interface. The SPI control interface is used to program the on-chip mode
registers. The control interface includes MD (pin 4), MC (pin 3), and MS (pin 2). MD is the serial data input, used
to program the mode registers. MC is the control port for the serial bit clock, used to shift in the serial data, and
MS is the control port for mode control select, which is used to enable the mode control. The SPI control
interface is available when MSEL (pin 14) is tied with VDD and after power-on reset completion.
8.3.8.3 Analog Outputs
The PCM1681 and PCM1681-Q1 include eight independent output channels, VOUT1 through VOUT8. These are
unbalanced outputs, each capable of driving 3.75 VPP typical into a 5-kΩ ac load with VCC = 5 V. The internal
output amplifiers for VOUT1 through VOUT8 are biased to the dc common voltage, equal to 0.486 VCC.
The output amplifiers include an RC continuous-time filter, which helps to reduce the out-of-band noise energy
present at the DAC outputs due to the noise-shaping characteristics of the PCM1681 and PCM1681-Q1
ΔΣ
DACs. The frequency response of this filter is shown in Figure 12. By itself, this filter is not enough to attenuate
the out-of-band noise to an acceptable level for most applications. An external low-pass filter is required to
provide sufficient out-of-band noise rejection. Further discussion of DAC post-filter circuits is provided in the
Application and Implementation section of this data sheet.
Copyright © 2008–2015, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: PCM1681 PCM1681-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44