Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS3644 Datasheet(PDF) 7 Page - ams AG

Part # AS3644
Description  Ultra Small Low Cost 320mA Inductive White LED Flash Driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3644 Datasheet(HTML) 7 Page - ams AG

Back Button AS3644 Datasheet HTML 3Page - ams AG AS3644 Datasheet HTML 4Page - ams AG AS3644 Datasheet HTML 5Page - ams AG AS3644 Datasheet HTML 6Page - ams AG AS3644 Datasheet HTML 7Page - ams AG AS3644 Datasheet HTML 8Page - ams AG AS3644 Datasheet HTML 9Page - ams AG AS3644 Datasheet HTML 10Page - ams AG AS3644 Datasheet HTML 11Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
www.austriamicrosystems.com/AS3644
1.2.2
6 - 23
AS3644
Datasheet - E l e c t r i c a l C h a r a c t e r i s t i c s
Timing Diagrams
Figure 3. I
2C interface Timing Diagram
CI/O
I/O Capacitance
(SDA, SCL)
10
pF
1. Limited to max. 5V due to overvoltage protection circuit on pin VOUT
2. Due to slope compensation of the current limit, ILIMIT changes with duty cycle - see Figure 16 on page 9.
3. Due to the architecture (the supply of the AS3644 is connected to the output VOUT), the undervoltage lockout
is only detected when the DCDC converter is not switching
4. The logic input levels VIH and VIL allow for 1.8V supplied driving circuit (70%/30% of 1.8V)
5. After this period, the first clock pulse is generated.
6. A device must internally provide a hold time of at least 300ns for the SDA signal (referred to the VIHMIN of the
SCL signal) to bridge the undefined region of the falling edge of SCL.
7. A fast-mode device can be used in a standard-mode system, but the requirement tSU:DAT = to 250ns must then
be met. This is automatically the case if the device does not stretch the LOW period of the SCL signal. If such a
device does stretch the LOW period of the SCL signal, it must output the next data bit to the SDA line tR max +
tSU:DAT = 1000 + 250 = 1250ns before the SCL line is released.
Table 3. Electrical Characteristics (Continued)
Symbol
Parameter
Condition
Min
Typ
Max
Unit
SCL
SDA
tBUF
tHD:STA
tSU:STA
REPEATED
START
tSU:STO
tF
tSU:DAT
tHIGH
tHD:DAT
tR
tLOW
tHD:STA
START
STOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com