Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS3695C Datasheet(PDF) 26 Page - ams AG

Part # AS3695C
Description  16 channel white LED controller for LCD backlight
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3695C Datasheet(HTML) 26 Page - ams AG

Back Button AS3695C Datasheet HTML 22Page - ams AG AS3695C Datasheet HTML 23Page - ams AG AS3695C Datasheet HTML 24Page - ams AG AS3695C Datasheet HTML 25Page - ams AG AS3695C Datasheet HTML 26Page - ams AG AS3695C Datasheet HTML 27Page - ams AG AS3695C Datasheet HTML 28Page - ams AG AS3695C Datasheet HTML 29Page - ams AG AS3695C Datasheet HTML 30Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 40 page
background image
AS3695C
austriamicrosystems
www.austriamicrosystems.com
Rev 1.11 / 2010-12-08
25 - 39
5
SPI interface
For the data transfer a serial peripheral interface (SPI) is used. The SPI is configured to work only as
SPI slave. If more than one driver is connected to a SPI master, they can be connected in a “Daisy
Chain”-structure or a parallel structure.
5.1
SPI daisy-chain structure
All SPI slaves share the same clock (SCLK) and chip select (xCS ) signal. In that configuration all
devices can be treated as one big shift register. The devices are automatically enumerated as described
in the next section.
5.2
SPI parallel structure
All SPI slaves share the same input (SDI) output (SDO) and clock (SCLK) signal. Every single device
can be addressed via the chip select ( xCS ) signal. In this configuration every device has
DevAddr = 0x01.
5.3
SPI device address enumeration
The device address of each driver is automatically set by the position of the device in the chain.
The first device has DevAddr = 0x01, the second device has DevAddr = 0x02 and so on. Device
Addresses 0x00 and 0x3F are used for special broadcast writing commands described below.
MOSI
MISO
SCLK
xCS
SCLK
xCS
SDI
SDO
Micro
Controller
Master
Dev1
SCLK
xCS
SDI
SDO
Dev2
SCLK
xCS
SDI
SDO
DevN
MOSI
MISO
SCLK
xCS_N
SCLK
xCS
SDI
SDO
Micro
Controller
Master
Dev1
SCLK
xCS
SDI
SDO
Dev1
SCLK
xCS
SDI
SDO
Dev1
xCS_2
xCS_1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com