Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS3696 Datasheet(PDF) 12 Page - ams AG

Part # AS3696
Description  4 channel white LED controller for 3D
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3696 Datasheet(HTML) 12 Page - ams AG

Back Button AS3696 Datasheet HTML 8Page - ams AG AS3696 Datasheet HTML 9Page - ams AG AS3696 Datasheet HTML 10Page - ams AG AS3696 Datasheet HTML 11Page - ams AG AS3696 Datasheet HTML 12Page - ams AG AS3696 Datasheet HTML 13Page - ams AG AS3696 Datasheet HTML 14Page - ams AG AS3696 Datasheet HTML 15Page - ams AG AS3696 Datasheet HTML 16Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
AS3696
austriamicrosystems
www.austriamicrosystems.com
Rev 1.10 / 1011-04-04
11 - 16
13
VSS
AIO
Ground
14
PWM
DI-PD
PWM input
15
3D_Mode
DI-PD
Mode select input
16
3D_PWM12
DI-PD
PWM input in 3D Mode for channel1 and channel2
17
3D_PWM34
DI-PD
PWM input in 3D Mode for channel3 and channel4
18
SEL_PPtrim
DI-PD
Connect to VSS. This pin is used for factory trimming.
19
xFAULT
DO-OD
Fault output. Active low
20
xPD
DI-PU
Power down input. Active low
21
Vshort
AIO
Short LED detection threshold voltage
22
VDD
AIO
Shunt voltage regulator input.
23
G4
AIO
Connect to Gate of external Transistor
24
D4
AIO
Connect to Drain of external Transistor
25
S4
AIO
Connect to Source of External Transistor and to Resistor RSET
26
S3
AIO
Connect to Source of External Transistor and to Resistor RSET
27
D3
AIO
Connect to Drain of external Transistor
28
G3
AIO
Connect to Gate of external Transistor
AIO
Analog Pin
DI
Digital input
DI-PU
Digital input with pull up resistor
DI-PD
Digital input with pull down resistor
DO
Digital output
DO-OD
Digital output open drain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com