Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS3955 Datasheet(PDF) 20 Page - ams AG

Part # AS3955
Description  NFC Forum Compliant Dynamic Tag
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3955 Datasheet(HTML) 20 Page - ams AG

Back Button AS3955 Datasheet HTML 16Page - ams AG AS3955 Datasheet HTML 17Page - ams AG AS3955 Datasheet HTML 18Page - ams AG AS3955 Datasheet HTML 19Page - ams AG AS3955 Datasheet HTML 20Page - ams AG AS3955 Datasheet HTML 21Page - ams AG AS3955 Datasheet HTML 22Page - ams AG AS3955 Datasheet HTML 23Page - ams AG AS3955 Datasheet HTML 24Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 111 page
background image
Page 20
ams Datasheet
Document Feedback
[v1-01] 2015-Apr-29
AS3955 − Detailed Description
SENSE State
After a power-on reset (POR), AS3955 switches to the SENSE
state. This state is exited when a SENS_REQ or an ALL_REQ
command is received from the NFC device. Any other data
received while in this state is interpreted as an error and AS3955
remains in SENSE state.
When in SELECTED or AUTHENTICATED state, a correctly
executed SLP_REQ command will modify the default waiting
state from SENSE to SLEEP state. SLEEP state can be exited when
an ALL_REQ command is received.
SLEEP State
Together with SENSE state, SLEEP state is the other waiting state
for AS3955. SLEEP state can be entered upon reception of a
SLP_REQ command. The distinction between SENSE and SLEEP
state is made necessary to discriminate selected and not yet
selected tags.
AS3955 can only exit this state upon reception of an ALL_REQ
command. Any other command received in this state is
interpreted as an error and AS3955 state remains unchanged.
RESOLUTION State
In RESOLUTION state, the NFC device is resolving the tag UID.
Since AS3955 has a double size UID, the RESOLUTION state
actually comprises of two sub-states, where the anti-collision
procedure is carried out in Cascade Level 1 and 2. Please refer
to [ISO18092] for further information.
SELECTED State
All memory operations are operated in SELECTED state.
Upon reception of a SLP_REQ command, SELECTED state is
exited and AS3955 transits to SLEEP state. Any other command
received when the device is in this state is interpreted as an
error. Depending on its previous state, AS3955 returns to either
SENSE or SLEEP state.
Upon reception of a SECTOR SELECT command, AS3955 returns
a NAK and transits to SENSE or SLEEP state, depending on its
previous state.
AS3955 transits to the AUTHENTICATED state after successful
password verification, using a standard WRITE command to a
dedicated memory address (see Authentication Password). The
number of permitted failed authentications is set to 7, after
which AS3955 transits to LOCKED sub-state (not shown in the
picture). When LOCKED state is entered, only the MCU can bring
AS3955 back to SENSE state by resetting the authentication
counter (Configuration Byte AUTH_CNT) back to 0 and issue a
Set Default, or Go To Sense, or Go To Sleep command.
When in LOCKED sub-state, all memory operations are only
allowed in the memory area not password protected, as defined
by the configuration byte Configuration Byte AUTH_LIM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com