Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PS081 Datasheet(PDF) 73 Page - ams AG

Part # PS081
Description  Single Chip Solution for Strain Gauges
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

PS081 Datasheet(HTML) 73 Page - ams AG

Back Button PS081 Datasheet HTML 69Page - ams AG PS081 Datasheet HTML 70Page - ams AG PS081 Datasheet HTML 71Page - ams AG PS081 Datasheet HTML 72Page - ams AG PS081 Datasheet HTML 73Page - ams AG PS081 Datasheet HTML 74Page - ams AG PS081 Datasheet HTML 75Page - ams AG PS081 Datasheet HTML 76Page - ams AG PS081 Datasheet HTML 77Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 155 page
background image
acam-messelectronic gmbh - Friedrich-List-Str.4 - D-76297 Stutensee-Blankenloch - Germany - www.acam.de
4-16
1
PSØ81
Example:
;initialization
jsub
init_holtek
;measurement
ramadr 20
;HB0
move
x, r
no2lcd
x, 1
newlcd
jsub
driver_4
;further routines
Please see code snippet in the appendix, explaining sub-routines ‘driver_4’ and ‘init_holtek’. Basically,
the holtek driver needs to be initialized and after the newlcd opcode the content is sent to the LCD by
the sub-routine ‘driver_4’ (MUX4 LCD).
4.4
I/O-pins
PSØ81 has six I/O pins:
0 - SPI_DO_IO0
Serial data out (SDO) or multipurpose I/O
1 - SPI_DI_IO1
Serial data in (SDO) or multipurpose I/O
2 - SPI_CLK_IO2 Serial clock (SDO) or multipurpose I/O
3 - MULT_IO3
In Wheatstone application used for the analog multiplexer, interrupt.
Otherwise, output or multipurpose I/O
4 - MULT_IO4
Multipurpose I/O
5 - MULT_IO5
Multipurpose I/O
The pins can be programmed as inputs or outputs with pull-up or pull-down resistors in case the chip
is in stand-alone mode (SPI interface not used, SPI_ENA=0). Pin MULT_IO3 can be used as input/
output only when Wheatstone mode is not used. If none of the pins is configured as an output, the
number of inputs can be increased up to 21 as described later on.
Additionally, Pin 24, SPI_CSN_RST can be used as reset input in case the SPI interface is not used
(SPI_ENA = 0). The reset is high active.
4.4.1
Configuration
SPI_DO_IO0
Configreg_11, bit 16,17 io_en_0_sdo
SPI_DI_IO1
Configreg_11, bit 18,19 io_en_1_sdi
SPI_CLK_IO2
Configreg_11, bit 20,21 io_en_2_sck
MULT _IO3
Configreg_11, bit 22,23 io_en_3_mio
MULT _IO4
Configreg_17, bit 2,3
en_io4
MULT _IO5
Configreg_17, bit 4,5
en_io5
Member of the ams Group



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com