Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS3955-ASWF-S2 Datasheet(PDF) 99 Page - ams AG

Part # AS3955-ASWF-S2
Description  NFC Forum Compliant Dynamic Tag
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3955-ASWF-S2 Datasheet(HTML) 99 Page - ams AG

Back Button AS3955-ASWF-S2 Datasheet HTML 95Page - ams AG AS3955-ASWF-S2 Datasheet HTML 96Page - ams AG AS3955-ASWF-S2 Datasheet HTML 97Page - ams AG AS3955-ASWF-S2 Datasheet HTML 98Page - ams AG AS3955-ASWF-S2 Datasheet HTML 99Page - ams AG AS3955-ASWF-S2 Datasheet HTML 100Page - ams AG AS3955-ASWF-S2 Datasheet HTML 101Page - ams AG AS3955-ASWF-S2 Datasheet HTML 102Page - ams AG AS3955-ASWF-S2 Datasheet HTML 103Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 111 page
background image
ams Datasheet
Page 99
[v1-01] 2015-Apr-29
Document Feedback
AS3955 − Package Drawings & Markings
Figure 98:
Package Outline Drawings MLPD
Note(s) and/or Footnote(s):
1. Dimensioning and tolerancing conform to ASME Y14.5M-1994.
2. All dimensions are in millimeters. Angles are in degrees.
3. Coplanarity applies to the exposed heat slug as well as the terminal.
4. Radius on terminal is optional.
5. N is the total number of terminals.
Package Drawings & Markings
Symbol
Min
Nom
Max
A
0.80
0.90
1.00
A1
0
0.02
0.05
A3
0.20 REF
L
0.30
0.40
0.50
b
0.18
0.25
0.30
D3.00 BSC
E3.00 BSC
e0.50 BSC
D2
2.23
2.38
2.48
E2
1.49
1.64
1.74
aaa
-
0.15
-
bbb
-
0.10
-
ccc
-
0.10
-
ddd
-
0.05
-
eee
-
0.08
-
N10
Green
RoHS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com