Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SP45ML Datasheet(PDF) 1 Page - KODENSHI_AUK CORP.

Part # SP45ML
Description  Photo diodes(silicon photodiode mounted in a TO-5 type header)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

SP45ML Datasheet(HTML) 1 Page - KODENSHI_AUK CORP.

  SP45ML Datasheet HTML 1Page - KODENSHI_AUK CORP. SP45ML Datasheet HTML 2Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
- 1-
SP-45ML
Photo diodes
KODENSHI
The SP-45ML, a silicon photodiode mounted in a TO-
5 type header with clear epoxy encapsulation, provides
wide angular response and high-output power.
FEATURES
•High-output power
•Relatively low-cost against metal can package
•Wide angular response
APPLICATIONS
•Optical detectors
•Infrared sensors
•Smoke detectors
DIMENSIONS
(Unit : mm)
Rating
Symbol
Item
MAXIMUM RATINGS
Reverse voltage
Operating temp.
Storage temp.
Soldering temp. *1
VR
Topr.
Tstg.
Tsol.
5
-20~+90
-30~+100
260
V
℃
℃
℃
Unit
(Ta=25℃)
*1. For MAX.5 seconds at the position of 2 mm from the package
*2. Color temp.=2856K standard Tungsten lamp
10
Open circuit voltage
Short circuit current
Dark current
Curve factor
Capacitance
Temperature coefficient of VOC
Temperature coefficient of ISC
Spectral sensitivity
Peak wavelength
Half angle
(Ta=25℃)
ELECTRO-OPTICAL CHARACTERISTICS
EV=1,000lx
*2
VR=5V
V=0V, f=1MHz
Item
Typ.
VOC
ISC
Id
C.F.
Ct
αt
βt
λ
λp
Δθ
81
0.55
450~1,050
0.4
170
1,050
-2.2
0.18
900
±60
V
μA
μA
-
pF
mV/℃
%/℃
nm
nm
deg.
Symbol
Conditions
Min.
Max.
Unit.


Similar Part No. - SP45ML

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
SP45001 SIPAT-SP45001 Datasheet
155Kb / 4P
450MHz Low-loss SAW Filter 45MHz Bandwidth
logo
Sipex Corporation
SP4501 SIPEX-SP4501 Datasheet
137Kb / 13P
EL Plus Piezo Driver
SP4501EN SIPEX-SP4501EN Datasheet
137Kb / 13P
EL Plus Piezo Driver
SP4501EY SIPEX-SP4501EY Datasheet
137Kb / 13P
EL Plus Piezo Driver
SP4501NEB SIPEX-SP4501NEB Datasheet
137Kb / 13P
EL Plus Piezo Driver
More results

Similar Description - SP45ML

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KSP-1MLR2 KODENSHI-KSP-1MLR2 Datasheet
35Kb / 2P
Silicon Photodiode Mounted
SP-1KL KODENSHI-SP-1KL Datasheet
242Kb / 2P
Photo diodes(silicon photodiode mounted in durable)
SP-1ML KODENSHI-SP-1ML Datasheet
232Kb / 2P
Photo diodes(silicon photodiode mounted in a TO-18 type header)
SP-2ML KODENSHI-SP-2ML Datasheet
230Kb / 2P
Photo diodes(silicon photodiode mounted in a TO-18 type header)
SP-3ML KODENSHI-SP-3ML Datasheet
190Kb / 2P
Photo diodes(silicon photodiode mounted in a TO-5 type header)
SP-101 KODENSHI-SP-101 Datasheet
229Kb / 2P
Photo diodes(high-sensitivity photodiode mounted)
ST-23G KODENSHI-ST-23G Datasheet
209Kb / 2P
Photo transistors(high-sensitivity NPN silicon phototransistor mounted in a clear sidelooking)
ST-305 KODENSHI-ST-305 Datasheet
275Kb / 2P
Photo transistors(a high-sensitivity NPN silicon phototransistor mounted in a clear sidelooking)
HP333 KODENSHI-HP333 Datasheet
611Kb / 2P
Double-end type high-sensitivity photo diode mounted in a compact clear package
logo
BetLux Electronics
BL-L4802PD BETLUX-BL-L4802PD Datasheet
240Kb / 4P
5*3.8*6.5mm SILICON PHOTO DIODES
REV NO: V.2
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com