Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDC-GP21 Datasheet(PDF) 41 Page - ams AG

Part # TDC-GP21
Description  Ultrasonic-Flow-Converter
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TDC-GP21 Datasheet(HTML) 41 Page - ams AG

Back Button TDC-GP21 Datasheet HTML 37Page - ams AG TDC-GP21 Datasheet HTML 38Page - ams AG TDC-GP21 Datasheet HTML 39Page - ams AG TDC-GP21 Datasheet HTML 40Page - ams AG TDC-GP21 Datasheet HTML 41Page - ams AG TDC-GP21 Datasheet HTML 42Page - ams AG TDC-GP21 Datasheet HTML 43Page - ams AG TDC-GP21 Datasheet HTML 44Page - ams AG TDC-GP21 Datasheet HTML 45Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 91 page
background image
Ultrasonic-Flow-Converter
TDC-GP21
3-16
acam messelectronic gmbh - Friedrich-List-Str.4 - 76297 Stutensee - Germany - www.acam.de
3.4
SPI-interface
The serial interface is compatible with the 4-wire SPI standard. It needs the
SerialSelectNot (SSN) and can not operated as 3-wire interface.
SSN
- Slave Select
SCK
- SPI Clock
SI
- SPI Data In
SO
- SPI Data Out
The TDC-GP21 does only support the following SPI mode (Motorola specification)*:
Clock Phase Bit = 1
Clock Polarity Bit = 0
SCK starts with LOW, data take over is with the falling edge of SCK. The timings are
shown in section 2.3. The interrupt pin is set back to INTN = 1 if:
SSN goes LOW
or, in case SSN is already LOW, with the first rising edge of SCK.
SSN as Reset
The SerialSelectNot (SSN) line is the HIGH-active reset for the serial interface. After SSN
is set to LOW different operations can be addressed, not depending on the status of the
interface before the reset.
Note:
It is mandatory to set the SSN – line to High-state for at least 50 ns between each
Read-/Write sequence.
* There is no common SPI specification, especially for phase & polarity. Some microcontroller may
need a different setting, e.g. MSP430 run with Clock Phase = Clock Polarity = 0
Opcodes
Member of the ams Group



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com