Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TAS5760MDAPR Datasheet(PDF) 47 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5760MDAPR
Description  General-Purpose I2S Input Class-D Amplifier
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5760MDAPR Datasheet(HTML) 47 Page - Texas Instruments

Back Button TAS5760MDAPR Datasheet HTML 43Page - Texas Instruments TAS5760MDAPR Datasheet HTML 44Page - Texas Instruments TAS5760MDAPR Datasheet HTML 45Page - Texas Instruments TAS5760MDAPR Datasheet HTML 46Page - Texas Instruments TAS5760MDAPR Datasheet HTML 47Page - Texas Instruments TAS5760MDAPR Datasheet HTML 48Page - Texas Instruments TAS5760MDAPR Datasheet HTML 49Page - Texas Instruments TAS5760MDAPR Datasheet HTML 50Page - Texas Instruments TAS5760MDAPR Datasheet HTML 51Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 84 page
background image
TAS5760M
www.ti.com
SLOS772D – JULY 2013 – REVISED JULY 2015
Typical Applications (continued)
Table 9. Design Parameters
PARAMETER
EXAMPLE
Low Power Supply
3.3 V
High Power Supply
5 V to 24 V
I2S Compliant Master
Host Processor
I2C Compliant Master
GPIO Control
Output Filters
Inductor-Capacitor Low Pass Filter
Speakers
4
Ω to 8 Ω
10.2.1.2 Detailed Design Procedure
10.2.1.2.1
Startup Procedures- Software Control Mode
1. Configure all digital I/O pins as required by the application using PCB connections (that is SPK_GAIN[1:0] =
11, ADR, etc.)
2. Start with SPK_SD Pin = LOW
3. Bring up power supplies (it does not matter if PVDD/AVDD or DVDD comes up first, provided the device is
held in shutdown.)
4. Once power supplies are stable, start MCLK, SCLK, LRCK
5. Configure the device via the control port in the manner required by the use case, making sure to mute the
device via the control port
6. Once power supplies and clocks are stable and the control port has been programmed, bring SPK_SD HIGH
7. Unmute the device via the control port
8. The device is now in normal operation
NOTE
Control port register changes should only occur when the device is placed into shutdown.
This can be accomplished either by pulling the SPK_SD pin LOW or clearing the SPK_SD
bit in the control port.
10.2.1.2.2
Shutdown Procedures- Software Control Mode
1. The device is in normal operation
2. Mute via the control port
3. Pull SPK_SD LOW
4. The clocks can now be stopped and the power supplies brought down
5. The device is now fully shutdown and powered off
NOTE
Any control port register changes excluding volume control changes should only occur
when the device is placed into shutdown. This can be accomplished either by pulling the
SPK_SD pin LOW or clearing the SPK_SD bit in the control port.
10.2.1.2.3
Component Selection and Hardware Connections
details the typical connections required for proper operation of the device. It is with this list of components that
the device was simulated, tested, and characterized. Deviation from this typical application circuit unless
recommended by this document may produce unwanted results, which could range from degradation of audio
performance to destructive failure of the device.
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
47
Product Folder Links: TAS5760M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com