Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SNAP-SCM-232 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SNAP-SCM-232
Description  SNAP Serial Communication Modules
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SNAP-SCM-232 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SNAP-SCM-232 Datasheet HTML 1Page - List of Unclassifed Manufacturers SNAP-SCM-232 Datasheet HTML 2Page - List of Unclassifed Manufacturers SNAP-SCM-232 Datasheet HTML 3Page - List of Unclassifed Manufacturers SNAP-SCM-232 Datasheet HTML 4Page - List of Unclassifed Manufacturers SNAP-SCM-232 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SNAP Serial Communication Modules
PAGE
2
Opto 22 • 43044 Business Park Drive • Temecula, CA 92590-3614 • www.opto22.com
SALES 800-321-6786 • 951-695-3000 • FAX 951-695-3095 • sales@opto22.com • SUPPORT 800-835-6786 • 951-695-3080 • FAX 951-695-3017 • support@opto22.com
© 2006–2015 Opto 22. All rights reserved. Dimensions and specifications are subject to change. Brand or product names used herein are trademarks or registered trademarks of their respective companies or organizations.
Specifications
Baud rates
300–115,200*
Channel-to-channel isolation
750 VRMS
Logic supply voltage
5.0 VDC
Logic supply current
250 mA DC
Number of ports per module
2 (1 if SNAP-SCM-485-422 in 4-wire mode)
Max. number of modules per
rack**
8
Maximum cable length, point-to-
point (SNAP-SCM-232)
50 feet
Maximum cable length, multidrop
(SNAP-SCM-485-422)
1,000 feet at 115,200 Kbd
Processor compatibility
SNAP PAC R-series controllers and SNAP
PAC EB brains, both standard wired and
Wired+Wireless models.
Also SNAP-B3000-ENET, SNAP-ENET-RTC,
SNAP-ENET-S64, SNAP-UP1-ADS, and
SNAP-UP1-M64.
Operating temperature
-20 to 70 °C
Storage temperature
-30 to 85 °C
Torque, hold-down screws
4 in-lb (0.45 N-m)
Torque, connector screws
5.26 in-lb (0.6 N-m)
Agency Approvals
CE, FM, RoHS, DFARS
Warranty
30 months
* Module performance is limited by the number of serial modules on the SNAP
rack. Each rack backplane provides approximately 2.5 Mbps of bandwidth.
** Maximum number of modules per rack assumes an Opto 22 SNAP power sup-
ply and SNAP rack.
LED
Indicates
1
TX port A
2
TX port B
3RX port A
4RX port B



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com