Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMP300BIDBVT Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TMP300BIDBVT
Description  Resistor-Programmable Temperature Switch
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP300BIDBVT Datasheet(HTML) 7 Page - Texas Instruments

Back Button TMP300BIDBVT Datasheet HTML 3Page - Texas Instruments TMP300BIDBVT Datasheet HTML 4Page - Texas Instruments TMP300BIDBVT Datasheet HTML 5Page - Texas Instruments TMP300BIDBVT Datasheet HTML 6Page - Texas Instruments TMP300BIDBVT Datasheet HTML 7Page - Texas Instruments TMP300BIDBVT Datasheet HTML 8Page - Texas Instruments TMP300BIDBVT Datasheet HTML 9Page - Texas Instruments TMP300BIDBVT Datasheet HTML 10Page - Texas Instruments TMP300BIDBVT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
R
INT
210kW
R
SET
T
SET
OUT
V+
HYST
SET
V
TEMP
TMP300
3 A
m
Proportional
toT
A
Open-DrainControl
Voltagesource
totesttrippoint.
R
ink
=
W
SET
10(50+T
)
SET
3
R
=
SET
(T
0.01+0.5)
´
SET
3e-
6
TMP300
www.ti.com
SBOS335D – JUNE 2005 – REVISED JANUARY 2016
6 Detailed Description
6.1 Overview
The TMP300 is a thermal sensor designed for over-temperature protection circuits in electronic systems. The
TMP300 uses a set resistor to program the trip temperature of the digital output. An additional high-impedance
(210k
Ω) analog voltage output provides the temperature reading.
6.2 Feature Description
6.2.1 Calculating RSET
The set resistor (RSET) provides a threshold voltage for the comparator input. The TMP300 trips when the VTEMP
pin exceeds the TSET voltage. The value of the set resistor is determined by the analog output function and the
3
μA internal bias current.
To set the TMP300 to trip at a preset value, calculate the RSET resistor value according to Equation 1 or
Equation 2:
where
•
TSET is in °C; or
(1)
where
•
TSET is in °C.
(2)
6.2.2 Using VTEMP to Trip the Digital Output
The analog voltage output can also serve as a voltage input that forces a trip of the digital output to simulate a
thermal event. This simulation facilitates easy system design and test of thermal safety circuits, as shown in
Figure 8.
Figure 8. Applying Voltage to Trip Digital Output
Copyright © 2005–2016, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TMP300



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com