Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AL1677 Datasheet(PDF) 10 Page - Diodes Incorporated

Part # AL1677
Description  UNIVERSAL, HIGH EFFICIENCY AND ACCURACY LED DRIVER CONVERTER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL1677 Datasheet(HTML) 10 Page - Diodes Incorporated

Back Button AL1677 Datasheet HTML 5Page - Diodes Incorporated AL1677 Datasheet HTML 6Page - Diodes Incorporated AL1677 Datasheet HTML 7Page - Diodes Incorporated AL1677 Datasheet HTML 8Page - Diodes Incorporated AL1677 Datasheet HTML 9Page - Diodes Incorporated AL1677 Datasheet HTML 10Page - Diodes Incorporated AL1677 Datasheet HTML 11Page - Diodes Incorporated AL1677 Datasheet HTML 12Page - Diodes Incorporated AL1677 Datasheet HTML 13Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
AL1677
Document number: DS37526 Rev. 1 - 2
10 of 13
www.diodes.com
November 2015
© Diodes Incorporated
AL1677
Application Information (continued)
Recommended Applications
The AL1677 integrates different MOSFETs to adapt different wattage applications. The output current is limited by the internal integrated MOSFET,
and the SO-8 package
’s heat dissipation capability. The minimum output voltage is limited by the LEB time, and is recommended to 15V. The
recommended application is given below:
Device
Output Power Coverage
Maximum Output Current (Note 10)
Minimum Output Voltage
AL1677-05BS-13
≤5W
≤100mA
15V
AL1677-08BS-13
≤8W
≤120mA
15V
AL1677-10BS-13
≤10W
≤180mA
15V
AL1677-20BS-13
≤15W
≤240mA
15V
Note:
10.The higher output current is possible with extra power dissipation solution.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com