Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AP1682E Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP1682E
Description  SINGLE STAGE PRIMARY SIDE REGULATION PFC CONTROLLER FOR LED DRIVER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1682E Datasheet(HTML) 2 Page - Diodes Incorporated

  AP1682E Datasheet HTML 1Page - Diodes Incorporated AP1682E Datasheet HTML 2Page - Diodes Incorporated AP1682E Datasheet HTML 3Page - Diodes Incorporated AP1682E Datasheet HTML 4Page - Diodes Incorporated AP1682E Datasheet HTML 5Page - Diodes Incorporated AP1682E Datasheet HTML 6Page - Diodes Incorporated AP1682E Datasheet HTML 7Page - Diodes Incorporated AP1682E Datasheet HTML 8Page - Diodes Incorporated AP1682E Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
AP1682E
Document number: DS36648 Rev. 1 - 2
2 of 10
www.diodes.com
September 2014
© Diodes Incorporated
AP1682E
A Product Line of
Diodes Incorporated
Typical Applications Circuit
T1
1
OUT
+
VCC
FB
OUT
CS
GND
VS
VPK
R6
C5
R3
R11
R12
R16
R17
R15
D1
D2
CY1
C6
R19
D3
C7
R18
R8
R9
Q1
R10
AC
Input
F1
VR1
L2
DB1
C2
L1
R2
C1
R1
ZD2
R13
C4
R4
R5
R7
C3
R14
ZD1
R20
5
3
4
AP1682E
8
5
7
4
6
2
3
Pin Descriptions
Pin Number
Pin Name
Function
1
NC
No connection
2
VS
The rectified input voltage sensing pin. The pin is detecting the instantaneous rectified sine waveform of
input voltage
3
VPK
The rectified input voltage peak value sensing pin. The pin is detecting the rectified sine waveform peak
value of input voltage
4
CS
Primary current sensing
5
FB
This pin captures the feedback voltage from the auxiliary winding. FB voltage is used to control no load
output voltage and determine acceleration stop point at start-up phase
6
GND
Ground. Current return for gate driver and control circuits of the IC
7
OUT
Gate driver output
8
VCC
Supply voltage of gate driver and control circuits of the IC
Functional Block Diagram
Regulator
&
Bias
OVP
Tonsec
Detector
0.1V
1.8
PFM
Tons
UVLO
COMP
EA
UVLO
pro
CV_CTRL
PFM Driver
R
Q
S
R
Q
S
CC_CTRL
FB
CS
VS
VCC
OUT
GND
Acceleration Start
Control
Peak Current Control
& LEB
Input Current
Shaping and
Constant Current
Control
VPK
2
3
4
5
6
7
8



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com