Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AP3410 Datasheet(PDF) 2 Page - BCD Semiconductor Manufacturing Limited

Part # AP3410
Description  1.5MHz Synchronous Step-down DC-DC Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP3410 Datasheet(HTML) 2 Page - BCD Semiconductor Manufacturing Limited

  AP3410 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP3410 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP3410 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP3410 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP3410 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP3410 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP3410 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP3410 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP3410 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Preliminary Datasheet
1.5MHz Synchronous Step-down DC-DC Converter
AP3410
Mar. 2013
Rev. 1. 1
BCD Semiconductor Manufacturing Limited
2
Pin Configuration
K Package
DN Package
(SOT-23-5)
(DFN-2×2-6)
EN
GND
LX
FB
VIN
1
2
34
5
Figure 2. Pin Configuration of AP3410 (Top View)
Pin Description
Pin Number
Pin Name
Function
SOT-23-5
DFN-2×2-6
1
2
EN
Chip enable pin. Active high
2
5
GND
Ground pin
3
4
LX
Switch output pin
4
3
VIN
Power supply
5
6
FB
Feedback voltage of output
1
NC
No internal connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com