Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AH8502 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AH8502
Description  MICROPOWER LINEAR HALL EFFECT SENSOR
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AH8502 Datasheet(HTML) 2 Page - Diodes Incorporated

  AH8502 Datasheet HTML 1Page - Diodes Incorporated AH8502 Datasheet HTML 2Page - Diodes Incorporated AH8502 Datasheet HTML 3Page - Diodes Incorporated AH8502 Datasheet HTML 4Page - Diodes Incorporated AH8502 Datasheet HTML 5Page - Diodes Incorporated AH8502 Datasheet HTML 6Page - Diodes Incorporated AH8502 Datasheet HTML 7Page - Diodes Incorporated AH8502 Datasheet HTML 8Page - Diodes Incorporated AH8502 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
AH8502
Document number: DS37683 Rev. 1 - 2
2 of 19
www.diodes.com
February 2015
© Diodes Incorporated
AH8502
Typical Applications Circuit
AH8502
OUTPUT
GND
CIN
VDD
CNTRL
Note:
4. CIN is for power stabilization and to strengthen the noise immunity, the recommended capacitance is 100nF typical and should be placed as close to the
supply pin as possible.
Pin Descriptions
Pin Number
Pin Name
Function
1
OUTPUT
Output Pin
2
NC
No Connection (Note 5)
3
VDD
Power Supply Input
4
CNTRL
Device Control Pin:
The CNTRL pin allows to select the modes of operation (Micropower Mode, Turbo Mode and
External-Drive Mode) and to adjust the sampling rate in External Drive Mode to minimize the power
consumption.
When CNTRL = GND or floating, the device operates in default Micropower Mode with 24Hz
sampling rate and consumes 13µA typical at 1.8V. The CNTRL pin is internally pulled low.
When CNTRL = VDD, the device is on and operates in Turbo Mode with continuous sampling rate of
6.25kHz typical consuming 1.01mA typical at 1.8V.
In External Drive Mode, an external PWM signal can be used to drive the CNTRL pin to adjust the
sampling frequency from 24Hz typical up to 7.14kHz typical. If external PWM pulse is used, the
minimum pulse width needed on the CNTRL pin to start a sample/conversion is 20µs typical. We
recommend using a pulse width of 40µs minimum. The minimum sample and conversion cycle
is140µs typical.
5
GND
Ground Pin
6
NC
No Connection (Note 5)
Pad
Pad
The center exposed pad
– No connection internally.
The exposed pad can be left open (unconnected) or tied to the GND on the PCB layout.
Note:
5.
NC is “No Connection” pin and is not connected internally. This pin can be left open or tied to ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com