Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AP7315-23FS4-7B Datasheet(PDF) 21 Page - Diodes Incorporated

Part # AP7315-23FS4-7B
Description  150mA HIGH PSRR LOW NOISE LDO WITH ENABLE
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7315-23FS4-7B Datasheet(HTML) 21 Page - Diodes Incorporated

Back Button AP7315-23FS4-7B Datasheet HTML 15Page - Diodes Incorporated AP7315-23FS4-7B Datasheet HTML 16Page - Diodes Incorporated AP7315-23FS4-7B Datasheet HTML 17Page - Diodes Incorporated AP7315-23FS4-7B Datasheet HTML 18Page - Diodes Incorporated AP7315-23FS4-7B Datasheet HTML 19Page - Diodes Incorporated AP7315-23FS4-7B Datasheet HTML 20Page - Diodes Incorporated AP7315-23FS4-7B Datasheet HTML 21Page - Diodes Incorporated AP7315-23FS4-7B Datasheet HTML 22Page - Diodes Incorporated AP7315-23FS4-7B Datasheet HTML 23Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
AP7315
Document number: DS38352 Rev. 1 - 2
21 of 23
www.diodes.com
December 2015
© Diodes Incorporated
AP7315
Suggested Pad Layout (Cont.)
(3)
Package Type: SOT25
E2
E1
Y
X
G
Z
Dimensions
Z
(mm)/(inch)
G
(mm)/(inch)
X
(mm)/(inch)
Y
(mm)/(inch)
E1
(mm)/(inch)
E2
(mm)/(inch)
Value
3.600/0.142
1.600/0.063
0.700/0.028
1.000/0.039
0.950/0.037
1.900/0.075



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com