Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADF5355BCPZ Datasheet(PDF) 37 Page - Analog Devices

Part # ADF5355BCPZ
Description  Microwave Wideband Synthesizer with Integrated VCO
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF5355BCPZ Datasheet(HTML) 37 Page - Analog Devices

Back Button ADF5355BCPZ Datasheet HTML 30Page - Analog Devices ADF5355BCPZ Datasheet HTML 31Page - Analog Devices ADF5355BCPZ Datasheet HTML 32Page - Analog Devices ADF5355BCPZ Datasheet HTML 33Page - Analog Devices ADF5355BCPZ Datasheet HTML 34Page - Analog Devices ADF5355BCPZ Datasheet HTML 35Page - Analog Devices ADF5355BCPZ Datasheet HTML 36Page - Analog Devices ADF5355BCPZ Datasheet HTML 37Page - Analog Devices ADF5355BCPZ Datasheet HTML 38Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 37 / 38 page
background image
Data Sheet
ADF5355
OUTPUT MATCHING
The low frequency output can simply be ac-coupled to the next
circuit, if desired; however, if higher output power is required,
use a pull-up inductor to increase the output power level.
Figure 56. Optimum Output Stage
When differential outputs are not needed, terminate the unused
output or combine it with both outputs using a balun.
For lower frequencies below 2 GHz, it is recommended to use a
100 nH inductor on the RFOUTA+/RFOUTA− pins.
The RFOUTA+/RFOUTA− pins are a differential circuit. Provide
each output with the same (or similar) components where
possible, such as same shunt inductor value, bypass capacitor,
and termination.
AC couple the higher frequency output, RFOUTB, directly to the
next appropriate circuit stage.
RFOUTB is matched internally to a 50 Ω impedance and requires
no additional matching components.
7.5nH
100pF
RFOUTA+
VRF
50Ω
Rev. A | Page 37 of 38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com