Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

D5V0F2U6LP37B Datasheet(PDF) 2 Page - Diodes Incorporated

Part # D5V0F2U6LP37B
Description  58V UNIDIRECTIONAL TVS DIODE ARRAY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

D5V0F2U6LP37B Datasheet(HTML) 2 Page - Diodes Incorporated

  D5V0F2U6LP37B Datasheet HTML 1Page - Diodes Incorporated D5V0F2U6LP37B Datasheet HTML 2Page - Diodes Incorporated D5V0F2U6LP37B Datasheet HTML 3Page - Diodes Incorporated D5V0F2U6LP37B Datasheet HTML 4Page - Diodes Incorporated D5V0F2U6LP37B Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
D58V0M4U8MR
Document number: DS36183 Rev. 2 - 2
2 of 5
www.diodes.com
April 2014
© Diodes Incorporated
D58V0M4U8MR
Maximum Ratings (@TA = +25°C, unless otherwise specified.), Per Element
Characteristic
Symbol
Value
Unit
Conditions
Peak Pulse Power Dissipation
PPP
2700
W
8/20µs, Per Figure 1
Peak Pulse Current
IPP
24
A
8/20µs, Per Figure 1
ESD Protection – Contact Discharge
VESD_Contact
±30
kV
IEC 61000-4-2 Standard
ESD Protection – Air Discharge
VESD_Air
±30
kV
IEC 61000-4-2 Standard
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Package Power Dissipation (Note 5)
PD
1.0
W
Thermal Resistance, Junction to Ambient (Note 5)
RθJA
125
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-65 to +150
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Conditions
Reverse Standoff Voltage
VRWM
—
—
58
V
—
Channel Leakage Current (Note 6)
IRM
—
—
0.2
μA
VRWM = 58V
Breakdown Voltage
VBR
64.4
—
71.2
V
IR = 1mA
Clamping Voltage
VCL
—
—
100
V
IPP = 24A, tp = 8/20μS
Channel Input Capacitance
CT
—
55
—
pF
VR = 50V, f = 1MHz
Notes:
5. Device mounted on FR-4 PCB pad layout (2oz copper) as shown on Diodes, Inc. suggested pad layout AP02001, which can be found on our website at
http://www.diodes.com.
6. Short duration pulse test used to minimize self-heating effect.
0
t, TIME ( s)
Figure 1 Pulse Waveform
20
40
60
100
50
0
Peak Value Ipp
Half Value I /2
pp
8x20 Waveform
as defined by R.E.A.
0
10
20
30
40
50
60
70
80
90
100
110
0
25
50
75
100
125
150
175
T (°C)
Figure 2 Peak Power Dissipation vs.
Initial
J
Junction Temperature



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com