Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EVB-USB5744 Datasheet(PDF) 19 Page - Microchip Technology

Part # EVB-USB5744
Description  EVB-USB5744 Evaluation Board User?셲 Guide
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EVB-USB5744 Datasheet(HTML) 19 Page - Microchip Technology

Back Button EVB-USB5744 Datasheet HTML 15Page - Microchip Technology EVB-USB5744 Datasheet HTML 16Page - Microchip Technology EVB-USB5744 Datasheet HTML 17Page - Microchip Technology EVB-USB5744 Datasheet HTML 18Page - Microchip Technology EVB-USB5744 Datasheet HTML 19Page - Microchip Technology EVB-USB5744 Datasheet HTML 20Page - Microchip Technology EVB-USB5744 Datasheet HTML 21Page - Microchip Technology EVB-USB5744 Datasheet HTML 22Page - Microchip Technology EVB-USB5744 Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 27 page
background image
FIGURE B-1:
EVB-USB5744 EVALUATION BOARD SCHEMATIC 1
Test-DNP
*Note: The system should supply RESETn
in an embedded hub implementation.
Port 0
DNP
Unmarked
Note: Population Option Defaults are:
No
Yes
Note:
Default selections are marked with an asterisk (*) .
*Note that the SS signal pair Tx+/ are polarity swapped
on the MicroB connector for improved routing.
The same is true for the SS pair Rx+/-.
6
Bat. Chg Select
Non-Rem Select
reserved
Prt1 Non-Rem
*All Removable
Prt1-4 Non-Rem
Prt1-3 Non-Rem
Prt1-2 Non-Rem
Strapping Option
Prt1-2 BC
Prt1-3 BC
*Prt1-4 BC
No BC
Prt1 BC
reserved
(*short)
*Note: For best functionality,
use 60MHz SPI devices
SPI Option
"SPI Activity"
CE# EN
4
3
1
2
6
5
5
4
3
1
2
USB5734 Power Decoupling
Port 1
Port 2
Port 3
Port 4
"SPI Select"
Config. Select
"Strap Select"
(*SPI=1-2, Strap=2-3)
*Note: AP2553A device has an auto-discharge function.
VBUS_UP
USB_DM_UP
USB_DP_UP
SSTXM_C_UP
SSTXP_C_UP
USB_SSTXM_UP
RBIAS
TEST
USB_SSRXM_UP
USB_SSRXP_UP
SCK
DI
VBUS_DET
XTALI
rsv2
rsv1
DO
XTALO
USB_SSTXP_UP
XTALI
XTALO
CEn
CEn_F
CFG_BC
CEn_F
DI
DO
CEn
SCK
rsv1
rsv2
CFG_NON_REM
SPI_CE_n
HOLDn
WPn
SPI_SCK
SPI_DO
SPI_DI
PWR2
PWR3
SSTXP_C_DN4
PWR4
SSTXM_C_DN3
SSTXP_C_DN2
USB_SSTXP_DN2
USB_SSTXM_DN2
SSTXP_C_DN3
USB_SSTXM_DN3
USB_SSTXP_DN3
USB_SSRXM_DN1
USB_SSRXP_DN1
USB_SSRXM_DN2
USB_SSRXP_DN2
USB_SSRXP_DN3
USB_SSRXM_DN3
SSTXM_C_DN1
SSTXP_C_DN1
USB_SSTXP_DN1
USB_SSTXM_DN1
SSTXM_C_DN4
USB_SSTXP_DN4
USB_SSTXM_DN4
USB_SSRXM_DN4
USB_SSRXP_DN4
SSTXM_C_DN2
PWR1
PWR3
PWR2
PWR1
PWR4
PCTL4
PCTL2
PCTL3
PCTL1
3V3
3V3
3V3
3V3
3V3
3V3
VDD12
VDD33
VDD12
VDD33
3V3
3V3
5V
RESETn
pg3
USBDN_DM1 pg3
USBDN_DP1 pg3
USBDN_DM2 pg3
USBDN_DP2 pg3
USBDN_DM3 pg3
USBDN_DP3 pg3
USBDN_DM4 pg3
USBDN_DP4 pg3
C62
1.0nF
R35
200K
C34
0.1uF
C55
0.1uF
C16
150uF
R40
10
C18
0.1uF
SW7
Slide-Top
2
3
1
4
5
6
C57
0.1uF
C31
0.1uF
C2
0.1uF
Power
Reset
Port Power Control
(Fill the GND FLAG with
at least 20 GND vias.)
Upstream
Clock
SPI / Config
Bias/Test
U0
USB5744-A0
USBDP_DN1/Dis
1
USBDM_DN1/Dis
2
USBTXP_DN1
3
USBTXM_DN1
4
USBRXP_DN1
6
USBRXM_DN1
7
USBDM_DN2/Dis
9
USBRXM_DN2
14
VDD12
15
VDD33
16
USBDP_DN3/Dis
17
USBDM_DN3/Dis
18
USBTXP_DN3
19
USBTXM_DN3
20
VDD12
21
USBRXP_DN3
22
USBRXM_DN3
23
USBDP_DN4/Dis
24
USBDM_DN4/Dis
25
USBTXP_DN4
26
USBTXM_DN4
27
VDD12
28
RESET
42
SPI_CE_N/CFG_NON_REM
41
SPI_DI/CFG_BC_EN
40
SPI_DO/SMDAT
39
SPI_CLK/SMCLK
38
VBUS_DET/GPIO16
37
PRT_CTL1
36
PRT_CTL2
35
PRT_CTL3
34
VDD12
33
GANG_PWR/PRT_CTL4
32
VDD33
31
RBIAS
56
XTALI/CLK_IN
54
XTALO
53
TESTEN/ATEST
52
USBRXM_UP
51
USBRXP_UP
50
VDD12
49
USBTXM_UP
48
USBTXP_UP
47
USBDM_UP
46
USBDP_UP
45
VDD33
44
VDD12
43
VDD12
12
USBTXP_DN2
10
USBDP_DN2/Dis
8
USBTXM_DN2
11
VDD12
5
USBRXP_DN2
13
USBRXP_DN4
29
USBRXM_DN4
30
GND(Flag)
57
VDD33
55
TP13
R23
10.0K
1%
R37
10K
C14
150uF
R8
330
TP9
USB 3.0
u-B REC
SMT &
TH tabs
(TID#)
J12
Vbus
1
D-
2
D+
3
GND1
5
ShP1
13
SSRX+
10
SSRX-
9
GND2
8
SSTX+
7
SSTX-
6
ShR
12
ShL
11
id
4
ShP2
14
ShP3
15
ShP4
16
C10
0.1uF
R11
12.0K
1%
U8
>60 MHz
CS
1
SO
2
WP
3
HOLD
7
SCK
6
SI
5
VCC
8
GND
4
C24
1.0nF
C59
0.1uF
U5
AP2553A_U-DFN2020-6
2.1A
EN
4
FLAG
3
GND
5
IN
6
OUT
1
EP
7
ILIM
2
R1
330
USB 3.0
A-REC
THRU
J4
Vbus
1
D-
2
D+
3
GND1
4
Sh1
12
Sh2
13
SSRX+
6
SSRX-
5
GND2
7
SSTX+
9
SSTX-
8
R47
10
R52
ZERO
R58
10K
C12
0.1uF
R45
10K
C26
1.0nF
C20
0.1uF
R24
ZERO
C15
150uF
C67
0.1uF
R43
200K
C60
0.1uF
U6
AP2553A_U-DFN2020-6
2.1A
EN
4
FLAG
3
GND
5
IN
6
OUT
1
EP
7
ILIM
2
R20
10.0K
1%
R54
100K
C33
16pF
C9
0.1uF
R5
330
C44
0.1uF
D13
Br_Grn
C3
0.1uF
C19
0.1uF
R42
10K
R53
100K
R4
330
C41
0.1uF
U12
74LVC1G14
2
4
USB 3.0
A-REC
THRU
J3
Vbus
1
D-
2
D+
3
GND1
4
Sh1
12
Sh2
13
SSRX+
6
SSRX-
5
GND2
7
SSTX+
9
SSTX-
8
(gnd)
(nc/5V)
(nc/5V)
(mosi)
(gnd)
(ss2/scl)
(ss3/sda)
(miso)
(sclk)
(ss1)
J8
Aardvark_I/F
1
3
4
2
5
6
7
8
9
10
R27
ZERO
C53
2.2uF
R46
10
J10
1
2
R25
ZERO
C17
150uF
C43
0.1uF
R22
10.0K
1%
C6
0.1uF
U11
PI3B3257
IA0
2
IA1
3
YA
4
IB0
5
IB1
6
YB
7
YC
9
YD
12
IC0
11
IC1
10
ID0
14
ID1
13
S
1
E
15
VCC
16
GND
8
C38
0.1uF
SW5
SW_SIP7
1
2
4
5
3
6
7
R36
200K
C22
4.7uF
DNP
C54
0.1uF
R62
100K
C8
0.1uF
SHUNT1
C21
4.7uF
DNP
C40
0.1uF
R39
10
C56
0.1uF
USB 3.0
A-REC
THRU
J2
Vbus
1
D-
2
D+
3
GND1
4
Sh1
12
Sh2
13
SSRX+
6
SSRX-
5
GND2
7
SSTX+
9
SSTX-
8
U4
AP2553A_U-DFN2020-6
2.1A
EN
4
FLAG
3
GND
5
IN
6
OUT
1
EP
7
ILIM
2
C65
0.01uF
USB 3.0
A-REC
THRU
J1
Vbus
1
D-
2
D+
3
GND1
4
Sh1
12
Sh2
13
SSRX+
6
SSRX-
5
GND2
7
SSTX+
9
SSTX-
8
U7
AP2553A_U-DFN2020-6
2.1A
EN
4
FLAG
3
GND
5
IN
6
OUT
1
EP
7
ILIM
2
R67
1K
C61
0.1uF
R41
200K
C11
0.1uF
C29
16pF
R64
10K
C68
0.1uF
R7
330
C4
0.1uF
C7
0.1uF
SW6
SW_SIP7
1
2
4
5
3
6
7
C52
1.0nF
TP7
C1
0.1uF
C5
0.1uF
R55
ZERO
C50
0.1uF
Y1
25MHz
2
4
R57
1K
R66
330
D31
MMBD914
C23
0.1uF
R61
10K
R6
330
D14
Blue
C25
1.0nF
R2
330
C58
0.1uF
R26
ZERO
D11
Blue
C51
0.1uF
R12
1K
R21
10.0K
1%
R60
100K
R3
330
C42
0.1uF
R44
10K
R38
10K
U9
74LVC1G14
2
4
C30
0.1uF
C13
150uF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com