Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SL23EP08SC-5HT Datasheet(PDF) 15 Page - Silicon Laboratories

Part # SL23EP08SC-5HT
Description  Low Jitter and Skew 10 to 220 MHz Zero Delay Buffer
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SL23EP08SC-5HT Datasheet(HTML) 15 Page - Silicon Laboratories

Back Button SL23EP08SC-5HT Datasheet HTML 7Page - Silicon Laboratories SL23EP08SC-5HT Datasheet HTML 8Page - Silicon Laboratories SL23EP08SC-5HT Datasheet HTML 9Page - Silicon Laboratories SL23EP08SC-5HT Datasheet HTML 10Page - Silicon Laboratories SL23EP08SC-5HT Datasheet HTML 11Page - Silicon Laboratories SL23EP08SC-5HT Datasheet HTML 12Page - Silicon Laboratories SL23EP08SC-5HT Datasheet HTML 13Page - Silicon Laboratories SL23EP08SC-5HT Datasheet HTML 14Page - Silicon Laboratories SL23EP08SC-5HT Datasheet HTML 15Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 15 / 15 page
background image
Rev 1.0, May 18, 2006
Page 15 of 15
SL23EP08
Ordering Information
[3]
Ordering Number
Marking
Shipping Package
Package
Temperature
SL23EP08SC-1
SL23EP08SC-1
Tube
16-pin SOIC
0 to 70°C
SL23EP08SC-1T
SL23EP08SC-1
Tape and Reel
16-pin SOIC
0 to 70°C
SL23EP08SI-1
SL23EP08SI-1
Tube
16-pin SOIC
-40 to 85°C
SL23EP08SI-1T
SL23EP08SI-1
Tape and Reel
16-pin SOIC
-40 to 85°C
SL23EP08SC-1H
SL23EP08SC-1H
Tube
16-pin SOIC
0 to 70°C
SL23EP08SC-1HT
SL23EP08SC-1H
Tape and Reel
16-pin SOIC
0 to 70°C
SL23EP08SI-1H
SL23EP08SI-1H
Tube
16-pin SOIC
-40 to 85°C
SL23EP08SI-1HT
SL23EP08SI-1H
Tape and Reel
16-pin SOIC
-40 to 85°C
SL23EP08ZC-1H
SL23EP08ZC-1H
Tube
16-pin TSSOP
0 to 70°C
SL23EP08ZC-1HT
SL23EP08ZC-1H
Tape and Reel
16-pin TSSOP
0 to 70°C
SL23EP08ZI-1H
SL23EP08ZI-1H
Tube
16-pin TSSOP
-40 to 85°C
SL23EP08ZI-1HT
SL23EP08ZI-1H
Tape and Reel
16-pin TSSOP
-40 to 85°C
SL23EP08SC-2
SL23EP08SC-2
Tube
16-pin SOIC
0 to 70°C
SL23EP08SC-2T
SL23EP08SC-2
Tape and Reel
16-pin SOIC
0 to 70°C
SL23EP08SI-2
SL23EP08SI-2
Tube
16-pin SOIC
-40 to 85°C
SL23EP08SI-2T
SL23EP08SI-2
Tape and Reel
16-pin SOIC
-40 to 85°C
SL23EP08SC-3
SL23EP08SC-3
Tube
16-pin SOIC
0 to 70°C
SL23EP08SC-3T
SL23EP08SC-3
Tape and Reel
16-pin SOIC
0 to 70°C
SL23EP08SI-3
SL23EP08SI-3
Tube
16-pin SOIC
-40 to 85°C
SL23EP08SI-3T
SL23EP08SI-3
Tape and Reel
16-pin SOIC
-40 to 85°C
SL23EP08SC-4
SL23EP08SC-4
Tube
16-pin SOIC
0 to 70°C
SL23EP08SC-4T
SL23EP08SC-4
Tape and Reel
16-pin SOIC
0 to 70°C
SL23EP08SI-4
SL23EP08SI-4
Tube
16-pin SOIC
-40 to 85°C
SL23EP08SI-4T
SL23EP08SI-4
Tape and Reel
16-pin SOIC
-40 to 85°C
SL23EP08SC-5H
SL23EP08SC-5H
Tube
16-pin SOIC
0 to 70°C
SL23EP08SC-5HT
SL23EP08SC-5H
Tape and Reel
16-pin SOIC
0 to 70°C
Notes:
3. The SL23EP08 products are RoHS compliant.
The information in this document is believed to be accurate in all respects at the time of publication but is subject to change without notice.
Silicon Laboratories assumes no responsibility for errors and omissions, and disclaims responsibility for any consequences resulting from
the use of information included herein. Additionally, Silicon Laboratories assumes no responsibility for the functioning of undescribed
features or parameters. Silicon Laboratories reserves the right to make changes without further notice. Silicon Laboratories makes no
warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does Silicon Laboratories
assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including
without limitation consequential or incidental damages. Silicon Laboratories products are not designed, intended, or authorized for use in
applications intended to support or sustain life, or for any other application in which the failure of the Silicon Laboratories product could
create a situation where personal injury or death may occur. Should Buyer purchase or use Silicon Laboratories products for any such
unintended or unauthorized application, Buyer shall indemnify and hold Silicon Laboratories harmless against all claims and damages.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com