Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LU500 Datasheet(PDF) 2 Page - SL Power Electronics

Part # LU500
Description  500W Single Output LED Series
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

LU500 Datasheet(HTML) 2 Page - SL Power Electronics

  LU500 Datasheet HTML 1Page - SL Power Electronics LU500 Datasheet HTML 2Page - SL Power Electronics LU500 Datasheet HTML 3Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LU500
500W Single Output
LED Series
www.slpower.com
LU500 REV 10.0, 10-07-15
2
Leakage
Current
Earth: <350µA @ 277Vac, 60Hz, NC;
Short Circuit
Protection
Self-recovering
Efficiency
12V: Typ 90% at Full Load, 115Vac & 92% at
Full Load, 230Vac
Other Outputs: 92% typical at 115Vac, 93%
typical at 230Vac
Overvoltage
Protection
Hiccup Mode, Self-recovering see models chart
for trip ranges.
Output Power
Up To 500W continuous with 200 LFM airflow,
50°C ambient
Overtemperature
Protection
Provided, self-recovering
Automatic power shutdown at TC 135°C/115°C
Transient
Response
500 uS typical for return to within 0.5% of
nominal, 50% load step from 5% to 100%.
∆i/∆t: <0.2A/µS.
Maximum Voltage Deviation = 3%
Switching
Frequency
PFC: Variable, 50-500kHz
Main Converter: Variable 40-180 kHz, 65Khz
typical
Ripple and Noise
Main Output
See models chart
Isolation
Input-Output:
3000Vac
Input-Ground:
1500Vac
Output-Ground: 500Vac
Output Voltage
See models chart
Operating
Temperature
-10°C to +70°C (Derate output power linearly by
2.5% /˚C above 50°C to 50% at 70°C)
Voltage
Adjustability
+/-5% from nominal
Units must be set within 0.1% of each other for
Current share configuration
Storage
Temperature
-40°C to +85°C
Minimum Load
Not required
Altitude
Operating: 3000m
Non-operating: -150 to 12,000m
Total Regulation
Main Output: ±2%.
Relative
Humidity
5% to 95%, non-condensing
Vibration
Operating: 0.003g²/Hz, 1.5grms overall, 3 axes,
1 hr/axis
Operating: 0.026g²/Hz, 5.0grms overall, 3 axes,
10 min/axis
Shock
Operating: Half-sine, 40gpk, 8ms, 3 axes, 6
shocks total
Dimensions
4”X7.25”X2.2”
101.60X184.15X55.88mm
Safety Standards
EN/CSA/UL/EN60950 2
nd Edition
Weight
1.5 lbs (0.68kg)
MTBF
Over 500,000 hours, 115Vac input
Ordering Option
Please see model Selection
Audible Noise
N/A
Unless is stated otherwise, all specification are based on 25°C ambient
Auxiliary Signals
Current Sharing
Active single wire current share for up to 2 units.
Please consult Application notes for proper
wiring for up to 2 units in parallel
EMI/EMC Compliance
Conducted Emissions
EN55015 Class B, FCC Part 15, Subpart B, Class B
Radiated Emissions
EN55011/15 Class A; FCC Part 15, Subpart A, Class A
Static Discharge Immunity
EN61000-4-2, Criteria A, 8kV Contact Discharge, 15kV air discharge
Radiated RF Immunity
EN61000-4-3, 10V/M Criteria A
EFT/Burst Immunity
EN61000-4-4, 2kV/5kHz



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com