| Electronic Components Datasheet Search |
|
DLPC910ZYR Datasheet(PDF) 7 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
DLPC910ZYR Datasheet(HTML) 7 Page - Texas Instruments |
|
7 / 50 page ![]() DLPC910 www.ti.com DLPS064A – SEPTEMBER 2015 – REVISED OCTOBER 2015 Pin Functions (continued) PIN ACTIVE I/O TYPE CLOCK SYSTEM DESCRIPTION (HI OR LO) NAME NO. DDC_DIN_C9_DPN K22 LVDS_25_NI - DDC_DCLK_C Input Bus C Data bit 9. 100- Ω internal LVDS termination. DDC_DIN_C9_DPP K23 LVDS_25_PI - DDC_DCLK_C DDC_DIN_C10_DPN M19 LVDS_25_NI - DDC_DCLK_C Input Bus C Data bit 10. 100- Ω internal LVDS termination. DDC_DIN_C10_DPP M20 LVDS_25_PI - DDC_DCLK_C DDC_DIN_C11_DPN M21 LVDS_25_NI - DDC_DCLK_C Input Bus C Data bit 11. 100- Ω internal LVDS termination. DDC_DIN_C11_DPP M22 LVDS_25_PI - DDC_DCLK_C DDC_DIN_C12_DPN N19 LVDS_25_NI - DDC_DCLK_C Input Bus C Data bit 12. 100- Ω internal LVDS termination. DDC_DIN_C12_DPP P19 LVDS_25_PI - DDC_DCLK_C DDC_DIN_C13_DPN N21 LVDS_25_NI - DDC_DCLK_C Input Bus C Data bit 13. 100- Ω internal LVDS termination. DDC_DIN_C13_DPP N22 LVDS_25_PI - DDC_DCLK_C DDC_DIN_C14_DPN P20 LVDS_25_NI - DDC_DCLK_C Input Bus C Data bit 14. 100- Ω internal LVDS termination. DDC_DIN_C14_DPP P21 LVDS_25_PI - DDC_DCLK_C DDC_DIN_C15_DPN N23 LVDS_25_NI - DDC_DCLK_C Input Bus C Data bit 15. 100- Ω internal LVDS termination. DDC_DIN_C15_DPP P23 LVDS_25_PI - DDC_DCLK_C DDC_DIN_D0_DPN T3 LVDS_25_NI - DDC_DCLK_D Input Bus D Data bit 0. 100- Ω internal LVDS termination. DDC_DIN_D0_DPP R3 LVDS_25_PI - DDC_DCLK_D DDC_DIN_D1_DPN R5 LVDS_25_NI - DDC_DCLK_D Input Bus D Data bit 1. 100- Ω internal LVDS termination. DDC_DIN_D1_DPP R6 LVDS_25_PI - DDC_DCLK_D DDC_DIN_D2_DPN R7 LVDS_25_NI - DDC_DCLK_D Input Bus D Data bit 2. 100- Ω internal LVDS termination. DDC_DIN_D2_DPP P6 LVDS_25_PI - DDC_DCLK_D DDC_DIN_D3_DPN N3 LVDS_25_NI - DDC_DCLK_D Input Bus D Data bit 3. 100- Ω internal LVDS termination. DDC_DIN_D3_DPP P3 LVDS_25_PI - DDC_DCLK_D DDC_DIN_D4_DPN P4 LVDS_25_NI - DDC_DCLK_D Input Bus D Data bit 4. 100- Ω internal LVDS termination. DDC_DIN_D4_DPP P5 LVDS_25_PI - DDC_DCLK_D DDC_DIN_D5_DPN N6 LVDS_25_NI - DDC_DCLK_D Input Bus D Data bit 5. 100- Ω internal LVDS termination. DDC_DIN_D5_DPP N7 LVDS_25_PI - DDC_DCLK_D DDC_DIN_D6_DPN N4 LVDS_25_NI - DDC_DCLK_D Input Bus D Data bit 6. 100- Ω internal LVDS termination. DDC_DIN_D6_DPP M4 LVDS_25_PI - DDC_DCLK_D DDC_DIN_D7_DPN M7 LVDS_25_NI - DDC_DCLK_D Input Bus D Data bit 7. 100- Ω internal LVDS termination. DDC_DIN_D7_DPP L7 LVDS_25_PI - DDC_DCLK_D DDC_DIN_D8_DPN K7 LVDS_25_NI - DDC_DCLK_D Input Bus D Data bit 8. 100- Ω internal LVDS termination. DDC_DIN_D8_DPP K6 LVDS_25_PI - DDC_DCLK_D DDC_DIN_D9_DPN J4 LVDS_25_NI - DDC_DCLK_D Input Bus D Data bit 9. 100- Ω internal LVDS termination. DDC_DIN_D9_DPP J5 LVDS_25_PI - DDC_DCLK_D DDC_DIN_D10_DPN H7 LVDS_25_NI - DDC_DCLK_D Input Bus D Data bit 10. 100- Ω internal LVDS termination. DDC_DIN_D10_DPP J6 LVDS_25_PI - DDC_DCLK_D DDC_DIN_D11_DPN G4 LVDS_25_NI - DDC_DCLK_D Input Bus D Data bit 11. 100- Ω internal LVDS termination. DDC_DIN_D11_DPP H4 LVDS_25_PI - DDC_DCLK_D DDC_DIN_D12_DPN G5 LVDS_25_NI - DDC_DCLK_D Input Bus D Data bit 12. 100- Ω internal LVDS termination. DDC_DIN_D12_DPP H6 LVDS_25_PI - DDC_DCLK_D DDC_DIN_D13_DPN G7 LVDS_25_NI - DDC_DCLK_D Input Bus D Data bit 13. 100- Ω internal LVDS termination. DDC_DIN_D13_DPP G6 LVDS_25_PI - DDC_DCLK_D DDC_DIN_D14_DPN F4 LVDS_25_NI - DDC_DCLK_D Input Bus D Data bit 14. 100- Ω internal LVDS termination. DDC_DIN_D14_DPP F5 LVDS_25_PI - DDC_DCLK_D DDC_DIN_D15_DPN E5 LVDS_25_NI - DDC_DCLK_D Input Bus D Data bit 15. 100- Ω internal LVDS termination. DDC_DIN_D15_DPP E6 LVDS_25_PI - DDC_DCLK_D DDC_DOUT_A0_DPN AE2 LVDS_25_NO - DDC_DCLKOUT_A Output Bus A Data bit 0 to DMD. DDC_DOUT_A0_DPP AF2 LVDS_25_PO - DDC_DCLKOUT_A DDC_DOUT_A1_DPN AD1 LVDS_25_NO - DDC_DCLKOUT_A Output Bus A Data bit 1 to DMD. DDC_DOUT_A1_DPP AE1 LVDS_25_PO - DDC_DCLKOUT_A DDC_DOUT_A2_DPN AC1 LVDS_25_NO - DDC_DCLKOUT_A Output Bus A Data bit 2 to DMD. DDC_DOUT_A2_DPP AC2 LVDS_25_PO - DDC_DCLKOUT_A DDC_DOUT_A3_DPN AB1 LVDS_25_NO - DDC_DCLKOUT_A Output Bus A Data bit 3 to DMD. DDC_DOUT_A3_DPP AB2 LVDS_25_PO - DDC_DCLKOUT_A Copyright © 2015, Texas Instruments Incorporated Submit Documentation Feedback 7 Product Folder Links: DLPC910 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |