Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MM7150 Datasheet(PDF) 12 Page - Microchip Technology

Part # MM7150
Description  High Performance 32-bit Embedded Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MM7150 Datasheet(HTML) 12 Page - Microchip Technology

Back Button MM7150 Datasheet HTML 8Page - Microchip Technology MM7150 Datasheet HTML 9Page - Microchip Technology MM7150 Datasheet HTML 10Page - Microchip Technology MM7150 Datasheet HTML 11Page - Microchip Technology MM7150 Datasheet HTML 12Page - Microchip Technology MM7150 Datasheet HTML 13Page - Microchip Technology MM7150 Datasheet HTML 14Page - Microchip Technology MM7150 Datasheet HTML 15Page - Microchip Technology MM7150 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
MM7150
DS00001888A-page 12
 2015 Microchip Technology Inc.
4.0
MM7150 HOST INTERFACE
4.1
I2C
The MM7150 can be connected to a host via the I2C interface. The I2C interface is compliant with the I2C standard
described in [4], at speeds up to 400KHz. Above the transport layer, the protocol used by the MM7150 is the same HID
protocol used when communicating over USB. The mapping of HID over I2C is defined in Reference [3]. The protocol
and the interface, taken together, are compliant with Windows 8/8.1 certification.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com