Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32F4DISCOVERY Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # STM32F4DISCOVERY
Description  Discovery kit for STM32F407/417 lines
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

STM32F4DISCOVERY Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button STM32F4DISCOVERY Datasheet HTML 3Page - List of Unclassifed Manufacturers STM32F4DISCOVERY Datasheet HTML 4Page - List of Unclassifed Manufacturers STM32F4DISCOVERY Datasheet HTML 5Page - List of Unclassifed Manufacturers STM32F4DISCOVERY Datasheet HTML 6Page - List of Unclassifed Manufacturers STM32F4DISCOVERY Datasheet HTML 7Page - List of Unclassifed Manufacturers STM32F4DISCOVERY Datasheet HTML 8Page - List of Unclassifed Manufacturers STM32F4DISCOVERY Datasheet HTML 9Page - List of Unclassifed Manufacturers STM32F4DISCOVERY Datasheet HTML 10Page - List of Unclassifed Manufacturers STM32F4DISCOVERY Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 42 page
background image
DocID022256 Rev 4
7/42
UM1472
Features
41
3
Features
The STM32F4DISCOVERY offers the following features:
•
STM32F407VGT6 microcontroller featuring 1 MB of Flash memory, 192 KB of RAM in
an LQFP100 package
•
On-board ST-LINK/V2 with selection mode switch to use the kit as a standalone
ST-LINK/V2 (with SWD connector for programming and debugging)
•
Board power supply: through USB bus or from an external 5V supply voltage
•
External application power supply: 3V and 5V
•
LIS302DL or LIS3DSH, ST MEMS motion sensor, 3-axis digital output accelerometer
•
MP45DT02, ST MEMS audio sensor, omnidirectional digital microphone
•
CS43L22, audio DAC with integrated class D speaker driver
•
Eight LEDs:
–
LD1 (red/green) for USB communication
–
LD2 (red) for 3.3V power on
–
Four user LEDs, LD3 (orange), LD4 (green), LD5 (red) and LD6 (blue)
–
2 USB OTG LEDs LD7 (green) VBus and LD8 (red) over-current
•
Two pushbuttons (user and reset)
•
USB OTG with micro-AB connector
•
Extension header for LQFP100 I/Os for quick connection to prototyping board and easy
probing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com