Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UM-YROTATE-IT-RX62T Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # UM-YROTATE-IT-RX62T
Description  Low Cost Motor Control Kit based on RX62T
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UM-YROTATE-IT-RX62T Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button UM-YROTATE-IT-RX62T Datasheet HTML 4Page - Renesas Technology Corp UM-YROTATE-IT-RX62T Datasheet HTML 5Page - Renesas Technology Corp UM-YROTATE-IT-RX62T Datasheet HTML 6Page - Renesas Technology Corp UM-YROTATE-IT-RX62T Datasheet HTML 7Page - Renesas Technology Corp UM-YROTATE-IT-RX62T Datasheet HTML 8Page - Renesas Technology Corp UM-YROTATE-IT-RX62T Datasheet HTML 9Page - Renesas Technology Corp UM-YROTATE-IT-RX62T Datasheet HTML 10Page - Renesas Technology Corp UM-YROTATE-IT-RX62T Datasheet HTML 11Page - Renesas Technology Corp UM-YROTATE-IT-RX62T Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 54 page
background image
RX62T
YROTATE-IT-RX62T Motor Control Kit
UM-YROTATE-IT-RX62T Rev.1.00
Page 8 of 51
Jan 15, 2014
5. LEDs function description
Three LEDs available on the board are directly connected to the hardware and allows the user to understand the
status of the supply of the board. Please refer to the LED map for the following indications:
• DL8 is connected to the USB supply, so it indicates that the USB port is supplied (and, by consequence, all the
communication section).
• DL7 is connected to the step-down converter output, and it is on only if an external power supply is
connected.
• DL9 is connected to the logic supply, so it indicates that the control section is supplied.
The other LEDs in the board are driven via software, in particular:
• DL6 is blinking if there is a communication between the PC and the board.
• DL1 is blinking if the control section microcontroller (RX62T) is running normally.
• DL4 is quickly blinking if an alarm has been detected.
DL8
DL1
DL9
DL7
DL6
DL4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com