Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

USB-KW40Z Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # USB-KW40Z
Description  Freescale USB Development Board USB-KW40Z Users Guide
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

USB-KW40Z Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button USB-KW40Z Datasheet HTML 2Page - Freescale Semiconductor, Inc USB-KW40Z Datasheet HTML 3Page - Freescale Semiconductor, Inc USB-KW40Z Datasheet HTML 4Page - Freescale Semiconductor, Inc USB-KW40Z Datasheet HTML 5Page - Freescale Semiconductor, Inc USB-KW40Z Datasheet HTML 6Page - Freescale Semiconductor, Inc USB-KW40Z Datasheet HTML 7Page - Freescale Semiconductor, Inc USB-KW40Z Datasheet HTML 8Page - Freescale Semiconductor, Inc USB-KW40Z Datasheet HTML 9Page - Freescale Semiconductor, Inc USB-KW40Z Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
Freescale USB Development Board USB-KW40Z User’s Guide, Rev. 0, 10/2015
6
Freescale Semiconductor, Inc.
USB-KW40Z overview and description
Figure 2 shows the main board features and I/O headers for the Freescale USB-KW40Z board.
Figure 2. USB-KW40Z component placement
3.3
Serial and debug adapter
The USB-KW40Z development board can be enabled with OpenSDA v2.1, a serial and debug adapter
circuit that includes an open-source hardware design, an open-source bootloader, and debug interface
software. It bridges serial and debug communications between a USB host and an embedded target
processor. The hardware circuit is based on a Freescale Kinetis K22F family microcontroller (MCU).
OpenSDAv2.1 enables the CMSIS-DAP bootloader, an open-source mass storage device (MSD)
bootloader, and the CMSIS-DAP Interface firmware (also known as the mbed interface), that provides a
MSD flash programming interface, a virtual serial port interface, and a CMSIS-DAP debug protocol
interface. For more information on the OpenSDAv2.1 software, see mbed.org and
https://github.com/mbedmicro/CMSIS-DAP.
NOTE
Driver considerations, you must install a windows driver that can be
downloaded from the following link:
https://developer.mbed.org/handbook/Windows-serial-configuration
USB-KW40Z comes pre-programed with a sniffer application. In order to enable this board with
OpenSDA feature and as a development board, refer to the following:
freescale.com/USB-KW40Z/startnow



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com