Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TS3003ITD1033 Datasheet(PDF) 7 Page - Silicon Laboratories

Part # TS3003ITD1033
Description  Single Resistor Sets Output Frequency
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

TS3003ITD1033 Datasheet(HTML) 7 Page - Silicon Laboratories

Back Button TS3003ITD1033 Datasheet HTML 3Page - Silicon Laboratories TS3003ITD1033 Datasheet HTML 4Page - Silicon Laboratories TS3003ITD1033 Datasheet HTML 5Page - Silicon Laboratories TS3003ITD1033 Datasheet HTML 6Page - Silicon Laboratories TS3003ITD1033 Datasheet HTML 7Page - Silicon Laboratories TS3003ITD1033 Datasheet HTML 8Page - Silicon Laboratories TS3003ITD1033 Datasheet HTML 9Page - Silicon Laboratories TS3003ITD1033 Datasheet HTML 10Page - Silicon Laboratories TS3003ITD1033 Datasheet HTML 11Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
TS3003
TS3003 Rev. 1.0
Page 7
BLOCK DIAGRAM
THEORY OF OPERATION
The TS3003 is a user-programmable oscillator where
the period of the square wave at its FOUT terminal is
generated by an external resistor connected to the
RSET pin. The output frequency is given by:
FOUT (kHz)
1.08E11
RSET
Equation 1. FOUT Frequency Calculation
RSET (M
Ω) FOUT (kHz)
0.360
300
1
108
2.49
43.37
4.32
25
6.81
15.86
9.76
11.07
12
9
Table 1: FOUT vs RSET



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com