Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

USB2534 Datasheet(PDF) 16 Page - Microchip Technology

Part # USB2534
Description  USB 2.0 Hi-Speed 4-Port Hub Controller
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2534 Datasheet(HTML) 16 Page - Microchip Technology

Back Button USB2534 Datasheet HTML 12Page - Microchip Technology USB2534 Datasheet HTML 13Page - Microchip Technology USB2534 Datasheet HTML 14Page - Microchip Technology USB2534 Datasheet HTML 15Page - Microchip Technology USB2534 Datasheet HTML 16Page - Microchip Technology USB2534 Datasheet HTML 17Page - Microchip Technology USB2534 Datasheet HTML 18Page - Microchip Technology USB2534 Datasheet HTML 19Page - Microchip Technology USB2534 Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 52 page
background image
USB 2.0 Hi-Speed 4-Port Hub Controller
Datasheet
DS00001713A-page 16
 2014 Microchip Technology Inc.
1
Detect
Upstream
VBUS Power
VBUS_DET
IS
Detects state of upstream bus power.
When designing a detachable hub, this pin must
be connected to the VBUS power pin of the
upstream USB port through a resistor divider
(50k
Ω by 100kΩ) to provide 3.3V.
For self-powered applications with a permanently
attached host, this pin must be connected to
either 3.3V or 5.0V through a resistor divider to
provide 3.3V.
In embedded applications, VBUS_DET may be
controlled (toggled) when the host desires to
renegotiate a connection without requiring a full
reset of the device.
1
Remote
Wakeup
Indicator
SUSP_IND
OD8
Configurable sideband signal used to indicate
Suspend status (default) or Remote Wakeup
events to the Host.
Suspend Indicator (default configuration):
0 = Unconfigured, or configured and in USB
suspend mode
1 = Device is configured and is active
(i.e., not in suspend)
For Remote Wakeup Indicator mode:
Refer to Section 8.5, "Remote Wakeup Indicator
(SUSP_IND)," on page 38.
Refer to Section 6.3.1, "Non-Removable Device
(NON_REM[1:0])," on page 30 for information on
LED polarity when using this signal.
Local Power
Detect
LOCAL_PWR
IS
Detects the availability of a local self-power
source.
0 = Self/local power source is NOT available.
(i.e., device must obtain all power from upstream
USB VBUS)
1 = Self/local power source is available
See Note 3.2 for more information on this pin.
Non-
Removable
Device 0
Configuration
Strap
NON_REM0
(Note 3.3)
IS
This strap is used in conjunction with
NON_REM1 to configure the downstream ports
as non-removable devices. Refer to Section
6.3.1, "Non-Removable Device
(NON_REM[1:0])," on page 30 for additional
information.
See Note 3.4 for more information on
configuration straps.
Table 3.1 Pin Descriptions (continued)
NUM PINS
NAME
SYMBOL
BUFFER
TYPE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com