Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LAN8820 Datasheet(PDF) 14 Page - Microchip Technology

Part # LAN8820
Description  RGMII 10/100/1000 Ethernet Transceiver
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8820 Datasheet(HTML) 14 Page - Microchip Technology

Back Button LAN8820 Datasheet HTML 10Page - Microchip Technology LAN8820 Datasheet HTML 11Page - Microchip Technology LAN8820 Datasheet HTML 12Page - Microchip Technology LAN8820 Datasheet HTML 13Page - Microchip Technology LAN8820 Datasheet HTML 14Page - Microchip Technology LAN8820 Datasheet HTML 15Page - Microchip Technology LAN8820 Datasheet HTML 16Page - Microchip Technology LAN8820 Datasheet HTML 17Page - Microchip Technology LAN8820 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 83 page
background image
LAN8820/LAN8820I
DS00001871B-page 14
 2009-2015 Microchip Technology Inc.
If the management entity restarts Auto-negotiation by writing to the Restart Auto-Negotiate bit, the device will respond
by stopping all transmission/receiving operations. Auto-negotiation will restart after approximately 1200 mS. The Link
Partner will have also dropped the link and will resume auto-negotiation.
3.1.2
DISABLING AUTO-NEGOTIATION
Auto-negotiation can be disabled via software by clearing the Auto-Negotiation Enable bit of the Basic Control Register.
The device will then force its speed of operation to reflect the information in the Speed Select[1], Speed Select[0], and
Duplex Mode bits of the Basic Control Register. These bits are ignored when auto-negotiation is enabled.
3.1.3
PARALLEL DETECTION
If the LAN8820/LAN8820i is connected to a device lacking the ability to auto-negotiate (i.e., no FLPs are detected), it is
able to determine the speed of the link based on either 100M MLT-3 symbols or 10M Normal Link Pulses. In this case,
the link is presumed to be half-duplex per the IEEE standard. This ability is known as “Parallel Detection”. This feature
ensures inter operability with legacy link partners.
The Ethernet MAC has access to information regarding parallel detect via the Auto Negotiation Expansion Register. If
a link is formed via parallel detection, the Link Partner Auto-Negotiation Able bit of the Auto Negotiation Expansion Reg-
ister is cleared to indicate that the Link Partner is not capable of auto-negotiation. If a fault occurs during parallel detec-
tion, the Parallel Detection Fault bit of this register is set.
The Auto Negotiation Link Partner Ability Register is updated with information from the link partner which is coded in the
received FLPs. If the Link Partner is not auto-negotiation capable, then the Auto Negotiation Link Partner Ability Register
is updated after completion of parallel detection to reflect the speed capability of the Link Partner.
Parallel detect cannot be used to establish Gigabit Ethernet links because echo cancellation and signal recovery on a
Gigabit Ethernet link requires resolution of the Master/Slave clock relationship, which requires the exchange of FLPs.
3.1.4
MASTER/SLAVE
In 1000BASE-T, one of the two link partner devices must be configured as Master and the other as Slave. The Master
device transmits data using the local clock, while the Slave device uses the clock recovered from incoming data.
The Master and Slave assignments are set using the configuration pins as described in Section 3.8.1.2.2, "Configuring
the Mode of Operation (CONFIG[3:2])," on page 26 or by using the Master/Slave Manual Config Enable and Master/
Slave Manual Config Value bits of the Master/Slave Control Register. If both the link partner and the local device are
manually given the same Master/Slave assignment, an error will be indicated in the Master/Slave Configuration Fault
bit of the Master/Slave Status Register.
Depending on the link partner configuration, the manual Master/Slave mode can be resolved to sixteen possible out-
comes, as shown in Table 3-1.
TABLE 3-1:
MASTER/SLAVE RESOLUTION FOR 1000BASE-T
LAN8820/LAN8820i
Advertisement
Link Partner
Advertisement
LAN8820/LAN8820i Result
Link Partner Result
Single-Port
Single-Port
M/S resolved by random seed
M/S resolved by random seed
Single-Port
Multi-Port
Slave
Master
Single-Port
Manual Master
Slave
Master
Single-Port
Manual Slave
Master
Slave
Multi-Port
Single-Port
Master
Slave
Multi-Port
Multi-Port
M/S resolved by random seed
M/S resolved by random seed
Multi-Port
Manual Master
Slave
Master
Multi-Port
Manual Slave
Master
Slave
Manual Master
Single-Port
Master
Slave



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com