Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

OCXOVSTX40MHZ Datasheet(PDF) 2 Page - MICORO CRYSTAL SWITZERLAND

Part # OCXOVSTX40MHZ
Description  HC-MOS output Up to 54 MHz stratum 3 compliant
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCRYSTAL [MICORO CRYSTAL SWITZERLAND]
Direct Link  http://www.microcrystal.com
Logo MICROCRYSTAL - MICORO CRYSTAL SWITZERLAND

OCXOVSTX40MHZ Datasheet(HTML) 2 Page - MICORO CRYSTAL SWITZERLAND

  OCXOVSTX40MHZ Datasheet HTML 1Page - MICORO CRYSTAL SWITZERLAND OCXOVSTX40MHZ Datasheet HTML 2Page - MICORO CRYSTAL SWITZERLAND  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Version 15/02.2015
Micro Crystal AG
Tel.
+41 32 655 82 82
Mühlestrasse 14
Fax
+41 32 655 80 90
CH-2540 Grenchen
sales@microcrystal.com
Switzerland
www.microcrystal.com
TabLE 2: Idd
TabLE 1: Vdd = 5V
Operating
Temperature range
Vdd = 3.3V ± 0.15V
D = 0 to +70°C
< ± 280 ppb
< 560 ppb peak to peak
C = -40 to +85°C
Operating
Temperature range
Vdd = 5V ± 0.2V
D = 0 to +70°C
≤ ± 280 ppb
< 560 ppb peak to peak
C = -40 to +85°C
TabLE 1: Vdd = 3.3V
Temperature
Vdd = 3.3V
Vdd = 5V
+25°C
-20°C
≤ 120 mA
≤ 170 mA
≤ 80 mA
≤ 120 mA
start-up current at +25°C
≤ 300mA, duration
30 s
10s
ENVIrONMENTaL
CHaraCTErISTICS:
Storage temp. range
-55 to +125°C
Vibration resistance
10 to 2000Hz / 20g
Shocks resistance
5000g / 0.3ms / ½ sine
TErMINaTIONS aND
PrOCESSING:
Pins soldering
+235°C / 10s max
+260°C / 5s max
SMD version option D1 or D2
see application notes
Dil 14.4 pins GND to case
height = 8mm
PrODUCT DESCrIPTION aND
OrDErING INFOrMaTION:
Frequency «MHz»
12.8
20
25.6
40
51.2
Other frequencies from 10 kHz up to 54 MHz on request
STaNDarD FrEQUENCIES:
W
= Vdd 3.3V
V
= Vdd 5V
ST
= Stratum 3
D
= 0 to +70°C
C
= -40 to +85°C
X
= custom
Frequency
customer
spec N°
OCXO V ST C 20MHz
XXX
A unique part number will be generated for each product specification, i.e:
20xxxx-EA00
(in ESD plastic tray)
Please contact us.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com