Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

A6986F Datasheet(PDF) 10 Page - STMicroelectronics

Part # A6986F
Description  38 V 1.5 A synchronous step-down switching regulator
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A6986F Datasheet(HTML) 10 Page - STMicroelectronics

Back Button A6986F Datasheet HTML 6Page - STMicroelectronics A6986F Datasheet HTML 7Page - STMicroelectronics A6986F Datasheet HTML 8Page - STMicroelectronics A6986F Datasheet HTML 9Page - STMicroelectronics A6986F Datasheet HTML 10Page - STMicroelectronics A6986F Datasheet HTML 11Page - STMicroelectronics A6986F Datasheet HTML 12Page - STMicroelectronics A6986F Datasheet HTML 13Page - STMicroelectronics A6986F Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 72 page
background image
Electrical characteristics
A6986F
10/72
DocID027739 Rev 1
Inner current loop
gCS
Current sense
transconductance (VCOMP to
inductor current gain)
Ipk = 1 A
(2)
2.5
A/V
Slope compensation
(5)
0.45 0.75
1
A
Overvoltage protection
VOVP
Overvoltage trip (VOVP/VREF)
1.15
1.2
1.25
VOVP
HYST
Overvoltage hysteresis
0.5
2
5
%
Synchronization (fan out: 6 slave devices typ.)
fSYN MIN
Synchronization frequency
LNM; fSW = VCC
266.5
kHz
VSYN TH SYNCH input threshold
LNM, SYNCH rising
0.70
1.2
V
ISYN
SYNCH pull-down current
LNM, VSYN = 1.2 V
0.7
mA
VSYN OUT
High level output
LNM, 5 mA sinking load
1.40
V
Low level output
LNM, 0.7 mA sourcing load
0.6
Reset
VTHR
Selected RST threshold
MLF pinstrapping before SS
see Table 7, Table 8,
Table 9
VTHR
HYST
RST hysteresis
(2)
2%
VRST
RST open collector output
VIN > VINH AND
VFB < VTH
4 mA sinking load
0.4
V
2 < VIN < VINH
4 mA sinking load
0.8
Delay
VTHD
RST open collector released
as soon as VDELAY > VTHD
VFB > VTHR
1.19
1.23
4
1.258
V
ID CH
CDELAY charging current
VFB > VTHR
12
3
A
Thermal shutdown
TSHDWN
Thermal shutdown
temperature
(2)
165
°C
THYS
Thermal shutdown hysteresis
(2)
30
1. Parameter tested in static condition during testing phase. Parameter value may change over dynamic application condition.
2. Not tested in production.
3. LCM enables SLEEP mode at light-load.
4. TJ = -40 °C.
5. Measured at fsw = 250 kHz.
Table 5. Electrical characteristics (continued)
Symbol
Parameter
Test condition
Note Min. Typ. Max. Unit
VPP gCS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com