Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

A6986F5V Datasheet(PDF) 54 Page - STMicroelectronics

Part # A6986F5V
Description  38 V 1.5 A synchronous step-down switching regulator
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A6986F5V Datasheet(HTML) 54 Page - STMicroelectronics

Back Button A6986F5V Datasheet HTML 50Page - STMicroelectronics A6986F5V Datasheet HTML 51Page - STMicroelectronics A6986F5V Datasheet HTML 52Page - STMicroelectronics A6986F5V Datasheet HTML 53Page - STMicroelectronics A6986F5V Datasheet HTML 54Page - STMicroelectronics A6986F5V Datasheet HTML 55Page - STMicroelectronics A6986F5V Datasheet HTML 56Page - STMicroelectronics A6986F5V Datasheet HTML 57Page - STMicroelectronics A6986F5V Datasheet HTML 58Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 72 page
background image
Application notes
A6986F
54/72
DocID027739 Rev 1
The voltage ripple equation can be calculated as:
Equation 53
Usually the resistive component of the ripple can be neglected if the selected output
capacitor is a multi layer ceramic capacitor (MLCC).
The output capacitor is important also for loop stability: it determines the main pole and the
zero due to its ESR. (see Section 6: Closing the loop on page 37 to consider its effect in the
system stability).
For example with VOUT = 3.3 V, VIN = 12 V, IL = 0.6 A, fSW = 500 kHz (resulting by the
inductor value) and COUT = 10 F MLCC:
Equation 54
The output capacitor value has a key role to sustain the output voltage during a steep load
transient. When the load transient slew rate exceeds the system bandwidth, the output
capacitor provides the current to the load. In case the final application specifies high slew
rate load transient, the system bandwidth must be maximized and the output capacitor has
to sustain the output voltage for time response shorter than the loop response time.
In Table 15 some capacitor series are listed.
Table 15. Output capacitors
Manufacturer
Series
Cap value (
F)
Rated voltage (V)
ESR (m
)
MURATA
GRM32
22 to 100
6.3 to 25
< 5
GRM31
10 to 47
6.3 to 25
< 5
PANASONIC
ECJ
10 to 22
6.3
< 5
EEFCD
10 to 68
6.3
15 to 55
SANYO
TPA/B/C
100 to 470
4 to 16
40 to 80
TDK
C3225
22 to 100
6.3
< 5
V
OUT
ESR
 I
LMAX
I
LMAX
8COUT fSW
---------------------------------------
+
=
V
OUT
VOUT
------------------
1
VOUT
--------------
I
LMAX
COUT fSW
------------------------------
1
33
------
06
810
F 500kHz
--------------------------------------------------


15mV
3.3
----------------
0.45%
==
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com