Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L7292 Datasheet(PDF) 23 Page - STMicroelectronics

Part # L7292
Description  Five buck regulators power management unit
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7292 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button L7292 Datasheet HTML 19Page - STMicroelectronics L7292 Datasheet HTML 20Page - STMicroelectronics L7292 Datasheet HTML 21Page - STMicroelectronics L7292 Datasheet HTML 22Page - STMicroelectronics L7292 Datasheet HTML 23Page - STMicroelectronics L7292 Datasheet HTML 24Page - STMicroelectronics L7292 Datasheet HTML 25Page - STMicroelectronics L7292 Datasheet HTML 26Page - STMicroelectronics L7292 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 60 page
background image
DocID028601 Rev 1
23/60
L7292
I2C interface
60
8
I2C interface
8.1
Description
This device features an I2C interface and can be operated from a VDD power supply. The
I2C uses a two-wire serial interface, comprising a bidirectional data line and a clock line. The
devices carry a built-in 7-bit device type identifier code in accordance with the I2C bus
definition. The device behaves as a slave in the I2C protocol, with all operations
synchronized by the serial clock. Read and Write operations are initiated by a Start
condition, generated by the bus master. The Start condition is followed by a device select
code and a Read/Write bit (RW), terminated by an acknowledge bit. When writing data to
the device, the device inserts an acknowledge bit during the 9th bit time, following the bus
master's 8-bit transmission. When data is read by the bus master, the bus master
acknowledges the receipt of the data byte in the same way. Data transfers are terminated by
a Stop condition after an ACK for Write and after a NoACK for Read.
8.2
Signal description
8.2.1
Serial clock (SCL)
This input signal is used to strobe all data in and out of the device. In applications where this
signal is used by slave devices to synchronize the bus to a slower clock, the bus master
must have an open drain output, and a pull-up resistor must be connected from the serial
clock (SCL) to VDD. In most applications, though, this method of synchronization is not
employed, and so the pull-up resistor is not necessary, provided that the bus master has
a push-pull (rather than open drain) output.
8.2.2
Serial data (SDA)
This bidirectional signal is used to transfer data in or out of the device. It is an open drain
output that may be wire-OR'ed with other open drain or open collector signals on the bus.
A pull-up resistor must be connected from serial data (SDA) to VDD.
Figure 5. I2C Start and Stop conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com