Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L9663 Datasheet(PDF) 10 Page - STMicroelectronics

Part # L9663
Description  PSI5 Transceiver IC
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9663 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button L9663 Datasheet HTML 6Page - STMicroelectronics L9663 Datasheet HTML 7Page - STMicroelectronics L9663 Datasheet HTML 8Page - STMicroelectronics L9663 Datasheet HTML 9Page - STMicroelectronics L9663 Datasheet HTML 10Page - STMicroelectronics L9663 Datasheet HTML 11Page - STMicroelectronics L9663 Datasheet HTML 12Page - STMicroelectronics L9663 Datasheet HTML 13Page - STMicroelectronics L9663 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 104 page
background image
Overall description
L9663
10/104
DocID028693 Rev 1
16
VB
Input voltage supply
supply
global
17
VASSUP
VAS pre-regulator and charge pump voltage supply
supply
global
18
VGS
Gate driver for VAS pre-regulator
I/O
local
19
NC(2)
--
-
20
MOSI
SPI input
I
local
21
SCLK
SPI Clock
I
local
22
CS
SPI Chip Select
I
local
23
RESETN
Reset
I
local
24
TM
Test-mode pin(3)
I
local
25
VINTD
Internal digital supply voltage
supply
local
26
DGND
Digital ground
supply
local
27
VDD
Digital I/O supply
supply
local
28
MISO
SPI output
O
local
1.
Not connected internally, must be left open.
2.
Not connected internally, it can be connected to GND externally.
3.
It must be connected to GND, for safety reasons.
Table 2. VQFPN28 pin-out (continued)
Pin
Name
Description
Pin type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com