Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L9663-1 Datasheet(PDF) 45 Page - STMicroelectronics

Part # L9663-1
Description  PSI5 Transceiver IC
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9663-1 Datasheet(HTML) 45 Page - STMicroelectronics

Back Button L9663-1 Datasheet HTML 41Page - STMicroelectronics L9663-1 Datasheet HTML 42Page - STMicroelectronics L9663-1 Datasheet HTML 43Page - STMicroelectronics L9663-1 Datasheet HTML 44Page - STMicroelectronics L9663-1 Datasheet HTML 45Page - STMicroelectronics L9663-1 Datasheet HTML 46Page - STMicroelectronics L9663-1 Datasheet HTML 47Page - STMicroelectronics L9663-1 Datasheet HTML 48Page - STMicroelectronics L9663-1 Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 104 page
background image
DocID028693 Rev 1
45/104
L9663
Diagnosis
103
If the VAS voltage is lower than the under voltage threshold for longer than the filter time, the
SPI bit VAS_UV in SR1 reg is set to '1' and it is latched and cleared upon read.
If the VAS voltage is higher than the over voltage threshold for longer than the filter time, the
SPI bit VAS_OV in SR1 reg is set to '1' (NOT latched). In addition to that, in case of further
lower under voltage condition (VVASU_off), VAS is switched off to protect the external n-
channel FET component from high current flow when external pin is shorted to ground. The
fault bit VAS_UVL (SR1) is latched and gets cleared only when a SPI switch off command
for confirmation is sent. The current status (on/off) can be read via SPI (SR3).
The regulator can be switched on again by switching off and on via SPI.
When POR is de-asserted, under voltage is masked for the time needed by soft start circuit
to switch on the regulator (1 ms).
During reset, the under/over voltage bits are set to 0.
4.6
Monitoring of Synchronous Pulse amplitude
To detect possible communication problems due to sync pulses which do not conform to the
standard, this module monitors the parameters of the sync pulse and registers any deviation
from the standard.
Basic features:
Comparator
Evaluation block
Flag readable via SPI
Figure 25. Timing for sync pulse voltage monitoring



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com