Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5972D Datasheet(PDF) 5 Page - STMicroelectronics

Part # R5972D
Description  Up to 1.5 A step-down switching regulator for aerospace applications
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

R5972D Datasheet(HTML) 5 Page - STMicroelectronics

  R5972D Datasheet HTML 1Page - STMicroelectronics R5972D Datasheet HTML 2Page - STMicroelectronics R5972D Datasheet HTML 3Page - STMicroelectronics R5972D Datasheet HTML 4Page - STMicroelectronics R5972D Datasheet HTML 5Page - STMicroelectronics R5972D Datasheet HTML 6Page - STMicroelectronics R5972D Datasheet HTML 7Page - STMicroelectronics R5972D Datasheet HTML 8Page - STMicroelectronics R5972D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
DocID026873 Rev 1
5/35
R5972D
Electrical data
35
2
Electrical data
2.1
Maximum ratings
2.2
Thermal data
Table 2. Absolute maximum ratings
Symbol
Parameter
Value
Unit
V8
Input voltage
40
V
V1
OUT pin DC voltage
OUT pin peak voltage at
t = 0.1 s
-1 to 40
-5 to 40
V
V
I1
Maximum output current
Int. limit.
V4, V5
Analog pins
4
V
PTOT
Power dissipation at TA 70 °C
1.2
W
TJ
Operating junction temperature range
-40 to 150
°C
TSTG
Storage temperature range
-55 to 150
°C
Table 3. Thermal data
Symbol
Parameter
Value
Unit
RthJA
Maximum thermal resistance junction ambient
65(1)
1. Package mounted on evaluation board.
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com