Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5973AD Datasheet(PDF) 30 Page - STMicroelectronics

Part # R5973AD
Description  Up to 1.5 A step-down switching regulator for aerospace applications
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

R5973AD Datasheet(HTML) 30 Page - STMicroelectronics

Back Button R5973AD Datasheet HTML 26Page - STMicroelectronics R5973AD Datasheet HTML 27Page - STMicroelectronics R5973AD Datasheet HTML 28Page - STMicroelectronics R5973AD Datasheet HTML 29Page - STMicroelectronics R5973AD Datasheet HTML 30Page - STMicroelectronics R5973AD Datasheet HTML 31Page - STMicroelectronics R5973AD Datasheet HTML 32Page - STMicroelectronics R5973AD Datasheet HTML 33Page - STMicroelectronics R5973AD Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 38 page
background image
Application information
R5973AD
30/38
DocID027027 Rev 1
8.6
Negative buck-boost regulator
In Figure 19, the schematic circuit for a standard buck-boost topology is shown. The output
voltage is:
Equation 37
where the ideal duty cycle D for the buck boost converter is:
Equation 38
The considerations given in Section 8.5 for the real duty cycle are still valid here.
Also the Equation 34 till Equation 36 can be used to calculate the maximum output current.
So, as an example, considering the conversion VIN = 12 V to VOUT = -5 V, ILOAD = 0.4 A:
Equation 39
Equation 40
An important thing to take into account is that the ground pin of the device is connected to
the negative output voltage. Therefore, the device is subjected to a voltage equal to
VIN - VO, which must be lower than 36 V (the maximum operating input voltage).
Figure 19. Negative buck-boost regulator
VOUT
VIN
D
1D
-------------
=
D
V
OUT
VIN VOUT
------------------------------
=
D
5
512
+
----------------
0.706
==
ISW
ILOAD
1D
---------------
0.5
10.706
------------------------
1.3A
==
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com