Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RT2901HYDT Datasheet(PDF) 3 Page - STMicroelectronics

Part # RT2901HYDT
Description  RobuST high-temperature low-power quad voltage comparators
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RT2901HYDT Datasheet(HTML) 3 Page - STMicroelectronics

  RT2901HYDT Datasheet HTML 1Page - STMicroelectronics RT2901HYDT Datasheet HTML 2Page - STMicroelectronics RT2901HYDT Datasheet HTML 3Page - STMicroelectronics RT2901HYDT Datasheet HTML 4Page - STMicroelectronics RT2901HYDT Datasheet HTML 5Page - STMicroelectronics RT2901HYDT Datasheet HTML 6Page - STMicroelectronics RT2901HYDT Datasheet HTML 7Page - STMicroelectronics RT2901HYDT Datasheet HTML 8Page - STMicroelectronics RT2901HYDT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
RT2901H
Absolute maximum ratings and operating
conditions
DocID026933 Rev 1
3/11
1
Absolute maximum ratings and operating conditions
Table 1: Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC
Supply voltage
±18 or 36
V
Vid
Differential input voltage
±36
Vin
Input voltage
-0.3 to 36
Output short-circuit duration
(1)
20
mA
Rthja
Thermal resistance junction-to-ambient
(2)
105
°C/W
Rthjc
Thermal resistance junction-to-case
(2)
31
Tj
Maximum junction temperature
160
°C
ESD
HBM: human body model
(3)
500
V
MM: machine model
(4)
100
CDM: charged device model
(5)
1500
Tstg
Storage temperature
-65 to 150
°C
Notes:
(1)
Short-circuits from the output to VCC
+
can cause excessive heating and eventual destruction. The maximum
output current is approximately 20 mA, independent of the magnitude of VCC
+
.
(2)
Short-circuits can cause excessive heating and destructive dissipation. Values are typical.
(3)
Human body model: A 100 pF capacitor is charged to the specified voltage, then discharged through a
1.5 kΩ resistor between two pins of the device. This is done for all couples of connected pin combinations
while the other pins are floating.
(4)
Machine model: A 200 pF capacitor is charged to the specified voltage, then discharged directly between two
pins of the device with no external series resistor (internal resistor < 5 Ω). This is done for all couples of
connected pin combinations while the other pins are floating.
(5)
Charged device model: all pins and the package are charged together to the specified voltage and then
discharged directly to the ground through only one pin. This is done for all pins.
Table 2: Operating conditions
Symbol
Parameter
Value
Unit
VCC
+
Supply voltage
2.5 to 6
V
Toper
Operating free air temperature range
-40 to 150
°C
Vicm
Input common mode voltage range
(VCC = 30 V)
(1)
Tamb = 25 °C
0 to (VCC
+) - 1.5
V
Tmin ≤ Tamb ≤ Tmax
0 to (VCC
+) - 2
Notes:
(1)
The input common-mode voltage of either input signal voltage should not be allowed to go negative by more
than 0.3 V. The upper end of the common-mode voltage range is (VCC
+
) - 1.5 V, but either or both inputs can go to
30 V without damage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com