Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RPC56EL60L5BFQY Datasheet(PDF) 20 Page - STMicroelectronics

Part # RPC56EL60L5BFQY
Description  microcontroller for Aerospace and Defense, SIL3/ASILD safety applications
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RPC56EL60L5BFQY Datasheet(HTML) 20 Page - STMicroelectronics

Back Button RPC56EL60L5BFQY Datasheet HTML 16Page - STMicroelectronics RPC56EL60L5BFQY Datasheet HTML 17Page - STMicroelectronics RPC56EL60L5BFQY Datasheet HTML 18Page - STMicroelectronics RPC56EL60L5BFQY Datasheet HTML 19Page - STMicroelectronics RPC56EL60L5BFQY Datasheet HTML 20Page - STMicroelectronics RPC56EL60L5BFQY Datasheet HTML 21Page - STMicroelectronics RPC56EL60L5BFQY Datasheet HTML 22Page - STMicroelectronics RPC56EL60L5BFQY Datasheet HTML 23Page - STMicroelectronics RPC56EL60L5BFQY Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 137 page
background image
Introduction
RPC56EL60L5
20/137
DocID026934 Rev 1
1.5.14
Frequency-Modulated Phase-Locked Loop (FMPLL)
Each device has two FMPLLs.
Each FMPLL allows the user to generate high speed system clocks starting from a minimum
reference of 4 MHz input clock. Further, the FMPLL supports programmable frequency
modulation of the system clock. The FMPLL multiplication factor, output clock divider ratio
are all software configurable. The FMPLLs have the following major features:
Input frequency: 4–40 MHz continuous range (limited by the crystal oscillator)
Voltage controlled oscillator (VCO) range: 256–512 MHz
Frequency modulation via software control to reduce and control emission peaks
–
Modulation depth ±2% if centered or 0% to –4% if downshifted via software control
register
–
Modulation frequency: triangular modulation with 25 kHz nominal rate
Option to switch modulation on and off via software interface
Output divider (ODF) for reduced frequency operation without re-lock
3 modes of operation
–
Bypass mode
–
Normal FMPLL mode with crystal reference (default)
–
Normal FMPLL mode with external reference
Lock monitor circuitry with lock status
Loss-of-lock detection for reference and feedback clocks
Self-clocked mode (SCM) operation
On-chip loop filter
Auxiliary FMPLL
–
Used for FlexRay due to precise symbol rate requirement by the protocol
–
Used for motor control periphery and connected IP (A/D digital interface CTU) to
allow independent frequencies of operation for PWM and timers and jitter-free
control
–
Option to enable/disable modulation to avoid protocol violation on jitter and/or
potential unadjusted error in electric motor control loop
–
Allows to run motor control periphery at different (precisely lower, equal or higher
as required) frequency than the system to ensure higher resolution
1.5.15
Main oscillator
The main oscillator provides these features:
Input frequency range 4–40 MHz
Crystal input mode
External reference clock (3.3 V) input mode
FMPLL reference
1.5.16
Internal Reference Clock (RC) oscillator
The architecture uses constant current charging of a capacitor. The voltage at the capacitor
is compared to the stable bandgap reference voltage. The RC oscillator is the device safe
clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com