Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STB80N4F6AG Datasheet(PDF) 3 Page - STMicroelectronics

Part # STB80N4F6AG
Description  High avalanche ruggedness
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB80N4F6AG Datasheet(HTML) 3 Page - STMicroelectronics

  STB80N4F6AG Datasheet HTML 1Page - STMicroelectronics STB80N4F6AG Datasheet HTML 2Page - STMicroelectronics STB80N4F6AG Datasheet HTML 3Page - STMicroelectronics STB80N4F6AG Datasheet HTML 4Page - STMicroelectronics STB80N4F6AG Datasheet HTML 5Page - STMicroelectronics STB80N4F6AG Datasheet HTML 6Page - STMicroelectronics STB80N4F6AG Datasheet HTML 7Page - STMicroelectronics STB80N4F6AG Datasheet HTML 8Page - STMicroelectronics STB80N4F6AG Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
STB80N4F6AG
Electrical ratings
DocID027978 Rev 2
3/15
1
Electrical ratings
Table 2: Absolute maximum ratings
Symbol
Parameter
Value
Unit
VDS
Drain-source voltage
40
V
VGS
Gate-source voltage
± 20
V
ID
Drain current (continuous) at TC = 25 °C
80
A
ID
Drain current (continuous) at TC= 100 °C
56
A
IDM(1)
Drain current (pulsed)
320
A
PTOT
Total dissipation at TC = 25 °C
70
W
IAV
Avalanche current, repetitive or not-repetitive (pulse width
limited by TJ max)
40
A
EAS
Single pulse avalanche energy(Starting TJ= 25 °C, = ID =IAV,
VDD= 25 V)
149
mJ
Tstg
Storage temperature
- 55 to 175
°C
Tj
Max. operating junction temperature
175
°C
Notes:
(1) Pulse width limited by safe operating area.
Table 3: Thermal data
Symbol
Parameter
Value
Unit
Rthj-case
Thermal resistance junction-case max.
2.14
°C/W
Rthj-pcb(1)
Thermal resistance junction-ambient max.
35
°C/W
Notes:
(1)When mounted on FR-4 board of inch2, 2 oz Cu



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com