Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STP12N60M2 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STP12N60M2
Description  Extremely low gate charge
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP12N60M2 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STP12N60M2 Datasheet HTML 3Page - STMicroelectronics STP12N60M2 Datasheet HTML 4Page - STMicroelectronics STP12N60M2 Datasheet HTML 5Page - STMicroelectronics STP12N60M2 Datasheet HTML 6Page - STMicroelectronics STP12N60M2 Datasheet HTML 7Page - STMicroelectronics STP12N60M2 Datasheet HTML 8Page - STMicroelectronics STP12N60M2 Datasheet HTML 9Page - STMicroelectronics STP12N60M2 Datasheet HTML 10Page - STMicroelectronics STP12N60M2 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
STP12N60M2
Electrical characteristics
DocID027902 Rev 1
7/13
Figure 8: Capacitance variations
Figure 9: Normalized gate threshold voltage
vs temperature
Figure 10: Normalized on-resistance vs
temperature
Figure 11: Normalized V(BR)DSS vs
temperature
Figure 12: Output capacitance stored energy
Figure 13: Source- drain diode forward
characteristics
T
j(°C)
I
D = 250 µA
V
GS(th)
1.00
0.90
0.80
0.70
-50
0
(norm)
1.10
50
100
AM03184v1
GIPG290120151002ALS
1.1
1.0
0.9
0.8
0.7
0.6
0.5
0
4
8
12
16
V
SD
(V)
T
j = -50 °C
T
j = -25 °C
T
j = 150 °C
I
SD (A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com