Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FDC2114RGHT Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # FDC2114RGHT
Description  Capacitance-to-Digital Converter for Proximity Level Sensing Applications
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

FDC2114RGHT Datasheet(HTML) 23 Page - Texas Instruments

Back Button FDC2114RGHT Datasheet HTML 19Page - Texas Instruments FDC2114RGHT Datasheet HTML 20Page - Texas Instruments FDC2114RGHT Datasheet HTML 21Page - Texas Instruments FDC2114RGHT Datasheet HTML 22Page - Texas Instruments FDC2114RGHT Datasheet HTML 23Page - Texas Instruments FDC2114RGHT Datasheet HTML 24Page - Texas Instruments FDC2114RGHT Datasheet HTML 25Page - Texas Instruments FDC2114RGHT Datasheet HTML 26Page - Texas Instruments FDC2114RGHT Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 60 page
background image
FDC2212, FDC2214, FDC2112, FDC2114
www.ti.com
SNOSCZ5A – JUNE 2015 – REVISED JUNE 2015
ADDRESS
NAME
DEFAULT VALUE
DESCRIPTION
0x06
DATA_CH3
0x0000
Channel 3 Conversion Result and status (FDC2114 only)
0x0000
Channel 3 MSB Conversion Result and status (FDC2214 only)
0x07
DATA_LSB_CH3
0x0000
Channel 3 LSB Conversion Result. Must be read after Register address
0x06 (FDC2214 only)
0x08
RCOUNT_CH0
0x0080
Reference Count setting for Channel 0
0x09
RCOUNT_CH1
0x0080
Reference Count setting for Channel 1
0x0A
RCOUNT_CH2
0x0080
Reference Count setting for Channel 2 (FDC2114 / FDC2214 only)
0x0B
RCOUNT_CH3
0x0080
Reference Count setting for Channel 3 (FDC2114 / FDC2214 only)
0x0C
OFFSET_CH0
0x0000
Offset value for Channel 0 (FDC2112 / FDC2114 only)
0x0D
OFFSET_CH1
0x0000
Offset value for Channel 1 (FDC2112 / FDC2114 only)
0x0E
OFFSET_CH2
0x0000
Offset value for Channel 2 (FDC2114 only)
0x0F
OFFSET_CH3
0x0000
Offset value for Channel 3 (FDC2114 only)
0x10
SETTLECOUNT_CH0
0x0000
Channel 0 Settling Reference Count
0x11
SETTLECOUNT_CH1
0x0000
Channel 1 Settling Reference Count
0x12
SETTLECOUNT_CH2
0x0000
Channel 2 Settling Reference Count (FDC2114 / FDC2214 only)
0x13
SETTLECOUNT_CH3
0x0000
Channel 3 Settling Reference Count (FDC2114 / FDC2214 only)
0x14
CLOCK_DIVIDERS_CH0
0x0000
Reference divider settings for Channel 0
0x15
CLOCK_DIVIDERS_CH1
0x0000
Reference divider settings for Channel 1
0x16
CLOCK_DIVIDERS_CH2
0x0000
Reference divider settings for Channel 2 (FDC2114 / FDC2214 only)
0x17
CLOCK_DIVIDERS_CH3
0x0000
Reference divider settings for Channel 3 (FDC2114 / FDC2214 only)
0x18
STATUS
0x0000
Device Status Reporting
0x19
STATUS_CONFIG
0x0000
Device Status Reporting Configuration
0x1A
CONFIG
0x2801
Conversion Configuration
0x1B
MUX_CONFIG
0x020F
Channel Multiplexing Configuration
0x1C
RESET_DEV
0x0000
Reset Device
0x1E
DRIVE_CURRENT_CH0
0x0000
Channel 0 sensor current drive configuration
0x1F
DRIVE_CURRENT_CH1
0x0000
Channel 1 sensor current drive configuration
0x20
DRIVE_CURRENT_CH2
0x0000
Channel 2 sensor current drive configuration (FDC2114 / FDC2214 only)
0x21
DRIVE_CURRENT_CH3
0x0000
Channel 3 sensor current drive configuration (FDC2114 / FDC2214 only)
0x7E
MANUFACTURER_ID
0x5449
Manufacturer ID
0x7F
DEVICE_ID
0x3054
Device ID (FDC2112, FDC2114 only)
0x3055
Device ID (FDC2212, FDC2214 only)
9.6.2 Address 0x00, DATA_CH0
Figure 19. Address 0x00, DATA_CH0
15
14
13
12
11
10
9
8
RESERVED
CH0_ERR_WD
CH0_ERR_AW
DATA0
7
6
5
4
3
2
1
0
DATA0
Table 12. Address 0x00, DATA_CH0 Field Descriptions
Bit
Field
Type
Reset
Description
15:14
RESERVED
R
00
Reserved.
13
CH0_ERR_WD
R
0
Channel 0 Conversion Watchdog Timeout Error Flag. Cleared by
reading the bit.
12
CH0_ERR_AW
R
0
Channel 0 Amplitude Warning. Cleared by reading the bit.
11:0
DATA0 (FDC2112 / FDC2114 only)
R
0000 0000
Channel 0 Conversion Result
0000
DATA0[27:16] (FDC2212 /
FDC2214 only)
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Links: FDC2212 FDC2214 FDC2112 FDC2114



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com