Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M24512-125 Datasheet(PDF) 23 Page - STMicroelectronics

Part # M24512-125
Description  Automotive 512-Kbit serial IC bus EEPROM
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24512-125 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button M24512-125 Datasheet HTML 19Page - STMicroelectronics M24512-125 Datasheet HTML 20Page - STMicroelectronics M24512-125 Datasheet HTML 21Page - STMicroelectronics M24512-125 Datasheet HTML 22Page - STMicroelectronics M24512-125 Datasheet HTML 23Page - STMicroelectronics M24512-125 Datasheet HTML 24Page - STMicroelectronics M24512-125 Datasheet HTML 25Page - STMicroelectronics M24512-125 Datasheet HTML 26Page - STMicroelectronics M24512-125 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 30 page
background image
M24512-125
DC and AC parameters
Doc ID 022650 Rev 1
23/30
Table 11.
DC characteristics (voltage range W, device grade 3)
Symbol
Parameter
Test conditions (see Table 8 and
Table 10)
Min.
Max.
Unit
ILI
Input leakage current
(SCL, SDA, E0, E1,
E2)
VIN = VSS or VCC
device in Standby mode
± 2
µA
ILO
Output leakage
current
SDA in Hi-Z, external voltage applied
on SDA: VSS or VCC
± 2
µA
ICC
Supply current (Read) fc = 400 kHz (rise/fall time < 50 ns)
2
mA
ICC
Supply current (Read)
VCC = 2.5 V, fc = 400 kHz
(rise/fall time < 50 ns)
1mA
VCC = 5.5 V, fc = 400 kHz
(rise/fall time < 50 ns)
2mA
ICC0
Supply current (Write) During tW, 2.5 V < VCC < 5.5 V
5(1)
1.
Characterized value, not tested in production.
mA
ICC1
Standby supply
current
Device not selected(2),
VIN = VSS or VCC, VCC = 2.5 V
2.
The device is not selected after power-up, after a Read instruction (after the Stop condition), or after the
completion of the internal write cycle tW (tW is triggered by the correct decoding of a Write instruction).
5µA
VIL
Input low voltage
(SCL, SDA, WC)
–0.45
0.3 VCC
V
VIH
Input high voltage
(SCL, SDA)
0.7 VCC
6.5
V
Input high voltage
(WC, E0, E1, E2)
0.7 VCC VCC+0.6
VOL
Output low voltage
IOL = 2.1 mA, VCC = 2.5 V or
IOL = 3 mA, VCC = 5.5 V
0.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com