Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STGIPS40W60L1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STGIPS40W60L1
Description  Dead time and interlocking function
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGIPS40W60L1 Datasheet(HTML) 1 Page - STMicroelectronics

  STGIPS40W60L1 Datasheet HTML 1Page - STMicroelectronics STGIPS40W60L1 Datasheet HTML 2Page - STMicroelectronics STGIPS40W60L1 Datasheet HTML 3Page - STMicroelectronics STGIPS40W60L1 Datasheet HTML 4Page - STMicroelectronics STGIPS40W60L1 Datasheet HTML 5Page - STMicroelectronics STGIPS40W60L1 Datasheet HTML 6Page - STMicroelectronics STGIPS40W60L1 Datasheet HTML 7Page - STMicroelectronics STGIPS40W60L1 Datasheet HTML 8Page - STMicroelectronics STGIPS40W60L1 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
This is information on a product in full production.
August 2012
Doc ID 018866 Rev 3
1/21
21
STGIPS40W60L1
SLLIMM™ (small low-loss intelligent molded module)
IPM, single phase - 40 A, 600 V ultra fast IGBT
Datasheet
production data
Features
IPM 40 A, 600 V single phase IGBT including
control ICs for gate driving and free-wheeling
diodes
Very high switching speed IGBTs
VCE(sat) negative temperature coefficient
3.3 V, 5 V, 15 V CMOS/TTL inputs
comparators with hysteresis and pull down /
pull up resistors
Undervoltage lockout
Internal bootstrap diode
Dead time and interlocking function
Smart shutdown function
Comparator for fault protection against over
temperature and overcurrent
Op amp for advanced current sensing
DBC substrate leading to low thermal
resistance
Isolation rating of 2500 Vrms/min
4.7 k
Ω NTC UL recognized for temperature
control
UL Recognized : UL1557 file E81734
Applications
Power factor correction for compressors
Description
This intelligent power module provides a compact,
high performance AC motor drive for a simple and
rugged design. It targets high frequency
converters. It combines ST proprietary control ICs
with the most advanced IGBT and diode
technologies tailored to high switching frequency
operation. SLLIMM™ is a trademark of
STMicroelectronics.
SDIP-22L
Table 1.
Device summary
Order code
Marking
Package
Packaging
STGIPS40W60L1
GIPS40W60L1
SDIP-22L
Tube
www.st.com


Similar Part No. - STGIPS40W60L1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGIPS10C60 STMICROELECTRONICS-STGIPS10C60 Datasheet
623Kb / 20P
3-phase inverters for motor drives
08-Apr-2015
STGIPS10C60-H STMICROELECTRONICS-STGIPS10C60-H Datasheet
707Kb / 20P
3-phase inverters for motor drives
08-Apr-2015
STGIPS10C60T-H STMICROELECTRONICS-STGIPS10C60T-H Datasheet
635Kb / 19P
Undervoltage lockout
08-Apr-2015
STGIPS10K60A STMICROELECTRONICS-STGIPS10K60A Datasheet
458Kb / 17P
IGBT intelligent power module (IPM) 10 A, 600 V, DBC isolated SDIP-25L molded
15-Jun-2010
STGIPS10K60A2 STMICROELECTRONICS-STGIPS10K60A2 Datasheet
535Kb / 18P
Short-circuit rugged IGBT
14-Apr-2015
More results

Similar Description - STGIPS40W60L1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
AN2531 MOTOROLA-AN2531 Datasheet
473Kb / 28P
Standard Space Vector Modulation with Dead-Time Correction - XOR version TPU Function Set
logo
International Rectifier
IRS20124S IRF-IRS20124S Datasheet
218Kb / 24P
DIGITAL AUDIO DRIVER WITH DISCRETE DEAD-TIME AND PROTECTION
logo
Intersil Corporation
ISL6745 INTERSIL-ISL6745 Datasheet
226Kb / 8P
Bridge Controller with Precision Dead Time Control
September 1, 2005
ISL6745A INTERSIL-ISL6745A Datasheet
197Kb / 9P
Improved Bridge Controller with Precision Dead Time Control
September 11, 2008
logo
Texas Instruments
LM5105SD-NOPB TI1-LM5105SD-NOPB Datasheet
891Kb / 19P
Half Bridge Gate Driver with Programmable Dead-Time
logo
Intersil Corporation
ISL6745AAUZ INTERSIL-ISL6745AAUZ Datasheet
194Kb / 9P
Improved Bridge Controller with Precision Dead Time Control
September 11, 2008
logo
Texas Instruments
TPS2836 TI1-TPS2836_15 Datasheet
734Kb / 17P
SYNCHRONOUS-BUCK MOSFET DRIVER WITH DEAD-TIME CONTROL
logo
IXYS Corporation
IX21844 IXYS-IX21844 Datasheet
307Kb / 14P
Programmable Dead-Time
logo
Renesas Technology Corp
ISL6745 RENESAS-ISL6745 Datasheet
418Kb / 8P
Bridge Controller with Precision Dead Time Control
logo
Analog Devices
LTC7060 AD-LTC7060 Datasheet
2Mb / 18P
100V Half-Bridge Driver with Floating Grounds and Adjustable Dead-Time
04/20-REV.A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com