Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STPS30SM120S Datasheet(PDF) 13 Page - STMicroelectronics

Part # STPS30SM120S
Description  Power Schottky rectifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS30SM120S Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STPS30SM120S Datasheet HTML 6Page - STMicroelectronics STPS30SM120S Datasheet HTML 7Page - STMicroelectronics STPS30SM120S Datasheet HTML 8Page - STMicroelectronics STPS30SM120S Datasheet HTML 9Page - STMicroelectronics STPS30SM120S Datasheet HTML 10Page - STMicroelectronics STPS30SM120S Datasheet HTML 11Page - STMicroelectronics STPS30SM120S Datasheet HTML 12Page - STMicroelectronics STPS30SM120S Datasheet HTML 13Page - STMicroelectronics STPS30SM120S Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
DocID022919 Rev 2
13/14
STPS30SM120S
Ordering information
14
3
Ordering information
4
Revision history
Table 9. Ordering information
Order code
Marking
Package
Weight
Base qty
Delivery mode
STPS30SM120SR
PS30SM120SR
I2PAK
1.49 g
50
Tube
STPS30SM120STN
PS30SM120STN
TO-220AB
narrow leads
1.9 g
50
Tube
STPS30SM120ST
PS30SM120ST
TO-220AB
2.2 g
50
Tube
STPS30SM120SFP
PS30SM120SFP
TO-220FPAB
1.7 g
50
Tube
Table 10. Document revision history
Date
Revision
Changes
02-Apr-2012
1
First issue.
13-Nov-2014
2
Added TO-220AB and TO-220FPAB package information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com