Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STPS30SM120SR Datasheet(PDF) 4 Page - STMicroelectronics

Part # STPS30SM120SR
Description  Power Schottky rectifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS30SM120SR Datasheet(HTML) 4 Page - STMicroelectronics

  STPS30SM120SR Datasheet HTML 1Page - STMicroelectronics STPS30SM120SR Datasheet HTML 2Page - STMicroelectronics STPS30SM120SR Datasheet HTML 3Page - STMicroelectronics STPS30SM120SR Datasheet HTML 4Page - STMicroelectronics STPS30SM120SR Datasheet HTML 5Page - STMicroelectronics STPS30SM120SR Datasheet HTML 6Page - STMicroelectronics STPS30SM120SR Datasheet HTML 7Page - STMicroelectronics STPS30SM120SR Datasheet HTML 8Page - STMicroelectronics STPS30SM120SR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Characteristics
STPS30SM120S
4/14
DocID022919 Rev 2
Figure 8.
Forward voltage drop versus
forward current
Figure 9.
Reverse safe operating area
(tp < 10 µs and Tj < 125 °C)
0.1
1.0
10.0
100.0
1000.0
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
Tj=25°C
(Maximum values)
Tj=125°C
(Maximum values)
Tj=125°C
(Typical values)
I(A)
FM
V(V)
FM
6.5
7.0
7.5
8.0
8.5
9.0
9.5
10.0
10.5
120
130
140
150
160
170
I(A)
arm
V(V)
arm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com