Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCF8574ADGVR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # PCF8574ADGVR
Description  Remote 8-Bit I/O Expander
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCF8574ADGVR Datasheet(HTML) 1 Page - Texas Instruments

  PCF8574ADGVR Datasheet HTML 1Page - Texas Instruments PCF8574ADGVR Datasheet HTML 2Page - Texas Instruments PCF8574ADGVR Datasheet HTML 3Page - Texas Instruments PCF8574ADGVR Datasheet HTML 4Page - Texas Instruments PCF8574ADGVR Datasheet HTML 5Page - Texas Instruments PCF8574ADGVR Datasheet HTML 6Page - Texas Instruments PCF8574ADGVR Datasheet HTML 7Page - Texas Instruments PCF8574ADGVR Datasheet HTML 8Page - Texas Instruments PCF8574ADGVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
PCF8574A
I2C or SMBus Master
(e.g. Processor)
Peripheral Devices
RESET, ENABLE,
or control inputs
INT or status
outputs
LEDs
SDA
SCL
INT
A0
A1
A2
GND
VCC
P0
P1
P2
P3
P4
P5
P6
P7
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
PCF8574A
SCPS069F – JULY 2001 – REVISED NOVEMBER 2015
PCF8574A Remote 8-Bit I/O Expander for I2C Bus
1
1 Features
•
Low Standby-Current Consumption of 10
μA Max
3 Description
This 8-bit input/output (I/O) expander for the two-line
•
I2C to Parallel-Port Expander
bidirectional bus (I2C) is designed for 2.5-V to 6-V
•
Open-Drain Interrupt Output
VCC operation.
•
Compatible With Most Microcontrollers
The PCF8574A device provides general-purpose
•
Latched Outputs With High-Current Drive
remote
I/O
expansion
for
most
microcontroller
Capability for Directly Driving LEDs
families via the I2C interface [serial clock (SCL), serial
•
Latch-Up Performance Exceeds 100 mA Per
data (SDA)].
JESD 78, Class II
The device features an 8-bit quasi-bidirectional I/O
port (P0–P7), including latched outputs with high-
2 Applications
current drive capability for directly driving LEDs. Each
quasi-bidirectional I/O can be used as an input or
•
Telecom Shelters: Filter Units
output without the use of a data-direction control
•
Servers
signal. At power on, the I/Os are high. In this mode,
•
Routers (Telecom Switching Equipment)
only a current source to VCC is active.
•
Personal Computers
Device Information(1)
•
Personal Electronics
PART NUMBER
PACKAGE (PIN)
BODY SIZE (NOM)
•
Industrial Automation
VQFN (20)
4.50 mm × 3.50 mm
•
Products with GPIO-Limited Processors
PDIP (16)
19.30 mm × 6.35 mm
PCF8574A
SOIC (16)
10.30 mm × 7.50 mm
TSSOP (20)
6.50 mm × 4.40 mm
TVSOP (20)
5.00 mm × 4.40 mm
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - PCF8574ADGVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCF8574ADGVR TI-PCF8574ADGVR Datasheet
392Kb / 16P
REMOTE 8BIT I/O EXPANDER FOR I2C BUS
PCF8574ADGVR TI-PCF8574ADGVR Datasheet
771Kb / 21P
REMOTE 8-BIT I/O EXPANDER FOR I2C BUS
PCF8574ADGVR TI-PCF8574ADGVR Datasheet
683Kb / 21P
REMOTE 8-BIT I/O EXPANDER FOR I2C BUS
PCF8574ADGVR TI2-PCF8574ADGVR Datasheet
2Mb / 39P
PCF8574A Remote 8-Bit I/O Expander for I2C Bus
REVISED SEPTEMBER 2024
PCF8574ADGVR.A TI2-PCF8574ADGVR.A Datasheet
2Mb / 39P
PCF8574A Remote 8-Bit I/O Expander for I2C Bus
REVISED SEPTEMBER 2024
More results

Similar Description - PCF8574ADGVR

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF8574 PHILIPS-PCF8574 Datasheet
156Kb / 24P
Remote 8-bit I/O expander for I2C-bus
1997 Apr 02
logo
Texas Instruments
PCF8574 TI-PCF8574_07 Datasheet
943Kb / 23P
REMOTE 8-BIT I/O EXPANDER FOR I2C BUS
PCF8574 TI-PCF8574_08 Datasheet
1Mb / 26P
REMOTE 8-BIT I/O EXPANDER FOR I2C BUS
PCF8574A TI-PCF8574A_05 Datasheet
771Kb / 21P
REMOTE 8-BIT I/O EXPANDER FOR I2C BUS
PCF8574 TI-PCF8574_10 Datasheet
959Kb / 26P
REMOTE 8-BIT I/O EXPANDER FOR I2C BUS
logo
NXP Semiconductors
PCF8574 PHILIPS-PCF8574_02 Datasheet
138Kb / 24P
Remote 8-bit I/O expander for I2C-bus
2002 Nov 22
logo
Texas Instruments
PCF8574 TI1-PCF8574_15 Datasheet
1Mb / 36P
Remote 8-Bit I/O Expander for I2C Bus
logo
ON Semiconductor
PCA9655E ONSEMI-PCA9655E Datasheet
170Kb / 20P
Remote 16-bit I/O Expander
January, 2016 ??Rev. 4
PCA9655E ONSEMI-PCA9655E_17 Datasheet
171Kb / 20P
Remote 16-bit I/O Expander
March, 2017 ??Rev. 5
logo
List of Unclassifed Man...
HLF8574 ETC-HLF8574 Datasheet
1Mb / 12P
Remote 8-bit I/O expander for I2C-bus
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com