Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ASM330LXH Datasheet(PDF) 10 Page - STMicroelectronics

Part # ASM330LXH
Description  Automotive inertial module: 3D accelerometer and 3D gyroscope
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ASM330LXH Datasheet(HTML) 10 Page - STMicroelectronics

Back Button ASM330LXH Datasheet HTML 6Page - STMicroelectronics ASM330LXH Datasheet HTML 7Page - STMicroelectronics ASM330LXH Datasheet HTML 8Page - STMicroelectronics ASM330LXH Datasheet HTML 9Page - STMicroelectronics ASM330LXH Datasheet HTML 10Page - STMicroelectronics ASM330LXH Datasheet HTML 11Page - STMicroelectronics ASM330LXH Datasheet HTML 12Page - STMicroelectronics ASM330LXH Datasheet HTML 13Page - STMicroelectronics ASM330LXH Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 56 page
background image
Module specifications
ASM330LXH
10/56
DocID027411 Rev 3
2
Module specifications
2.1
Mechanical characteristics
@ Vdd = 3.0 V, T = -40 °C to +85 °C unless otherwise noted (a)
a. The product is factory calibrated at 3.0 V. The operational power supply range is from 2.0 V to 3.6 V.
Table 3. Mechanical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.(1)
Max.
Unit
LA_FS
Linear acceleration
measurement range
2
4
8
16
g
G_FS
Angular rate
measurement range
125
245
500
1000
2000
dps
LA_So
Linear acceleration sensitivity
@LA_FS = 2 g
0.061
mg/LSb
@LA_FS =4 g
0.122
@LA_FS = 8 g
0.244
@LA_FS =16 g
0.488
G_So
Angular rate sensitivity
@G_FS =125 dps
4.37
mdps/LSb
@G_FS = 245 dps
8.75
@G_FS = 500 dps
17.5
@G_FS = 1000 dps
35
@G_FS = 2000 dps
70
LA_SoDr
Linear acceleration sensitivity
change vs. temperature
From -40 °C to +85 °C
0.01
%/°C
G_SoDr
Angular rate sensitivity change
vs. temperature
From -40 °C to +85 °C
0.01
%/°C
LA_TyOff
Linear acceleration zero-g level
accuracy(2)(3)
30
mg
G_TyOff
Gyroscope zero-rate level
accuracy(2)(3)
10
dps
LA_TCOff
Linear acceleration zero-g level
change vs. temperature
From -40 °C to +85 °C
0.05
mg/°C
G_TCOff
Angular rate zero-rate level
change vs. temperature
From -40 °C to +85 °C
0.05
dps/°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com