Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L2G3IS Datasheet(PDF) 10 Page - STMicroelectronics

Part # L2G3IS
Description  MEMS motion sensor: two-axis digital output gyroscope for optical image stabilization
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L2G3IS Datasheet(HTML) 10 Page - STMicroelectronics

Back Button L2G3IS Datasheet HTML 6Page - STMicroelectronics L2G3IS Datasheet HTML 7Page - STMicroelectronics L2G3IS Datasheet HTML 8Page - STMicroelectronics L2G3IS Datasheet HTML 9Page - STMicroelectronics L2G3IS Datasheet HTML 10Page - STMicroelectronics L2G3IS Datasheet HTML 11Page - STMicroelectronics L2G3IS Datasheet HTML 12Page - STMicroelectronics L2G3IS Datasheet HTML 13Page - STMicroelectronics L2G3IS Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
Mechanical and electrical characteristics
L2G3IS
10/26
DocID024950 Rev 3
3.2
Electrical characteristics
@ Vdd = 3.3 V, T = 25 °C unless otherwise noted(b).
b. The product is factory calibrated at 3.3 V.
Table 4. Electrical characteristics
Symbol
Parameter
Test condition
Min.
Typ.(1)
Max.
Unit
Vdd
Supply voltage
2.42
3.3
3.6
V
Vdd_IO
I/O pins supply
voltage(2)
1.71
Vdd+0.1
V
Idd
Supply current in
normal mode
6.4
mA
IddSL
Supply current in
sleep mode(3)
2.5
mA
IddPdn
Supply current in
power-down mode
20
μA
VIH
Digital high-level
input voltage
0.8*Vdd_IO
V
VIL
Digital low-level
input voltage
0.2*Vdd_IO
V
Top
Operating
temperature range
-40
+85
°C
1. Typical specifications are not guaranteed.
2. It is possible to remove Vdd maintaining Vdd_IO without blocking the communication busses, in this condition the
measurement chain is powered off.
3. Sleep mode introduces a faster turn-on time relative to power-down mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com